Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EVAL-AD7714-3EB Datasheet(PDF) 6 Page - Analog Devices

Part No. EVAL-AD7714-3EB
Description  Evaluation Board for Signal Conditioning ADC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

EVAL-AD7714-3EB Datasheet(HTML) 6 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EVAL-AD7714-3EB
REV. A
–6–
Figure 3. AD7714-3 Evaluation Board Circuit Diagram
SCLK
POL
DGND
AGND
AIN1
AIN 2
AIN 3
AIN 4
6
4
24
18
7
8
9
10
17
12
10
AIN 6
DD
AV
DD
23
DV
DD
DV
DD
11
LK2
A
B
16
REF IN(+)
15
LK6
A
B
SKT9
AD589
IC2
REF IN(-)
14
LK5
B
A
SKT10
AD7714
IC1
MCLK OUT
3
LK1
A
B
MCLK IN
2
A
B
SKT6
XTAL1
5
1
20
DRDY
DIN
22
21
19
CS
DOUT
IC3
74HC4050
C14
C13
C12
C11
C5
10µF
C6
0.1µF
C3
10µF
C4
0.1µF
B
A
DV
DD
C1
10µF
C2
0.1µF
AV
DD
C8
0.1µF
R1
R2
R3
R4
R9
C7
DV
DD
BUFFER
AIN 5
STANDBY
SW 1
RESET
LK8
C8
R8
LK4
13
DV
DD
A
B
LK3
SKT7
R7 10k
SKT1
SCLK
CS
DOUT
DIN
DRDY
SYNC
DGND
6
8
1
3
7
2
5
9
RESET
4
DV
DD
3
2
10
11
12
14
15
6
7
4
5
9
8
1
C10
0.1µF
SYNC
C16
C17
LK7
B
A
SYNC
D4
6
D2
4
CS
D0
2
DIN
3
D1
RESET
D3
5
SCLK
36 PIN CENTRONICS CONNECTOR
ACK
DRDY
10
SLCT
13
DOUT
GND
19 - 30
DGND
DV
DD
D7
7
14
IC4
74HC08
11
12
13
3
21
IC5
74FCT3244T
8
11
12
6
914
4
16
2
18
1
19
C18
0.1µF
20
R10
R6 10k
R12 10k
R5 3k
D2
HP 5082- 2810
10
5V
SKT 11
C19
0.1µF
LK 11
LK 12
LK 13
LK 10
SKT2
SKT3
SKT4
SKT5
AV
LK 9
SKT8
DGND
AGND
D1
HP 5082- 2810
9
R11
1M
6.8k


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn