Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1884 Datasheet(PDF) 15 Page - Analog Devices

Part No. AD1884
Description  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD1884 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1884 Datasheet HTML 8Page - Analog Devices AD1884 Datasheet HTML 9Page - Analog Devices AD1884 Datasheet HTML 10Page - Analog Devices AD1884 Datasheet HTML 11Page - Analog Devices AD1884 Datasheet HTML 12Page - Analog Devices AD1884 Datasheet HTML 13Page - Analog Devices AD1884 Datasheet HTML 14Page - Analog Devices AD1884 Datasheet HTML 15Page - Analog Devices AD1884 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD1884
OUTLINE DIMENSIONS
Dimensions are shown in millimeters.
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
0.80 MAX
1.00
12° MAX
0.65 TYP
0.85
0.80
0.50 BSC
SEATING
PLANE
0.30
0.60 MAX
0.50
0.40
0.30
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.23
0.18
5.50
REF
0.60 MAX
PIN 1
EXPOSED
INDICATOR
0.25 MIN
PAD
(BOTTOM VIEW)
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
Figure 3. 48-Lead, Pb-Free, Frame Chip Scale Package [LFCSP_VQ]
7 mm x 7 mm Body, Very Thin Quad (CP-48-1)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD1884JCPZ1
0°C to 70°C
48-Lead LFCSP_VQ
CP-48-1
AD1884JCPZ-RL
1
0°C to 70°C
48-Lead LFCSP_VQ
CP-48-1
1 Z = Pb-free part.
Rev. 0
|
Page 15 of 16
|
January 2007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn