Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1884 Datasheet(PDF) 14 Page - Analog Devices

Part No. AD1884
Description  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD1884 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1884 Datasheet HTML 8Page - Analog Devices AD1884 Datasheet HTML 9Page - Analog Devices AD1884 Datasheet HTML 10Page - Analog Devices AD1884 Datasheet HTML 11Page - Analog Devices AD1884 Datasheet HTML 12Page - Analog Devices AD1884 Datasheet HTML 13Page - Analog Devices AD1884 Datasheet HTML 14Page - Analog Devices AD1884 Datasheet HTML 15Page - Analog Devices AD1884 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD1884
Table 8. Connection List
Connection
0
1
2
3
4
5
6
7
8
9
Node
ID
[0–3]
[4–7]
[8–11]
I NID
I NID
I NID
I NID
I NID
I NID
I NID
I NID
I NID
I NID
02
03
04
07
08
09
0A
0B
0C
0D
0E
0F
10
11
12
13
14
15
16
19
1A
1B
1C
1D
1E
1F
20
21
22
23
24
25
26
00090801
00002122
0000000C
0000000D
00002104
0000210F
25209614
25209614
00000403
00000403
00000007
0000000A
0000001F
0000000B
00002120
00000002
00000024
8F0A1907
0000210E
0000001E
251A9614
00000020
00000403
00000403
00002123
0000001C
001C1514
96111C1A
0000A61E
01
03
0C
0D
04
0F
1 14
1 14
03
03
07
0A
1F
0B
20
02
24
07
0E
1E
1 14
20
03
03
23
26
14
08
21
21
21
16
16
04
04
21
19
21
16
04
04
21
15
I
09
20
20
0A
1A
25
25
1 0F
25
1A
1C
11
1 16
1E
1 26
In Table 9, default configuration values are set on codec power-
up only. Default configuration values are not reset by link or
soft reset to preserve modifications by BIOS control.
Table 9. Default Configuration Bytes
ID
Name
Value
31:30
29:28
27:24
23:20
19:16
15:12
8
7:4
3:0
Connectivity
Location
Def. Device Conn Type
Color
JD OR Def Assn. Seq.
Chasis
Position
11
Port A
0321401F
Jack
External
Left
HP Out
1/8" Jack
Green
0
1
F
12
Port D
90130110 Fixed
Internal
N/A
Speaker
ATAPI
Unknown 1
1
0
13
Mono Out
901301F0
Fixed
Internal
N/A
Speaker
ATAPI
Unknown 1
F
0
14
Port B
03A190F0 Jack
External
Left
Mic In
1/8" Jack
Pink
0
F
0
15
Port C
96A30120 Fixed
Internal
Bottom
Mic In
ATAPI
Unknown 1
2
0
16
Port F
99330121 Fixed
Internal
Special 3
CD
ATAPI
Unknown 1
2
1
1A Analog PCBeep
90F301F0
Fixed
Internal
N/A
other
ATAPI
Unknown 1
F
0
1B
S/PDIF Out Pin
014511F0
Jack
External
Rear
SPDIF Out
Optical
Black
1
F
0
1C Port E
21A1902E Jack
Separate
Rear
Mic In
1/8" Jack
Pink
0
2
E
Rev. 0
|
Page 14 of 16
|
January 2007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn