Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1884 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD1884
Description  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1884 Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Definition Audio
a
SoundMAX® Codec
FEATURES
FOUR 192 kHz DACs/ADCs
Two independent stereo DAC/ADC pairs
Simultaneous record of two stereo channels
Simultaneous playback of two stereo channels
Independent 8, 11.025, 16, 22.05, 32, 44.1,
48, 88.2, 96, 176.4, and 192 kHz sample rates
16, 20, and 24-bit resolution
Selectable stereo mixer on outputs
S/PDIF OUTPUT
Supports 44.1, 48, 88.2, 96, 176.4, and 192 kHz sample rates
16, 20, and 24-bit data; PCM, and AC3 formats
Digital PCM gain control
DEDICATED AUXILIARY PINS
Stereo CD/auxiliary I/O port w/GND sense
Stereo auxiliary/dock I/O port
Mono out pin for internal speakers or telephony
AD1884
ENHANCED FEATURES
Two stereo headphone amplifiers
Microsoft Vista premium logo for notebook
90 dB audio outputs, 85 dB audio inputs
Internal 32-bit arithmetic for greater accuracy
Impedance and presence detection on all jacks
Three independent microphone bias pins
Digital and analog PCBeep
Three general-purpose digital I/O (GPIO) pins
3.3 V analog and digital supply voltages
Advanced power management modes
48-lead, Pb-free LFCSP_VQ package
ADC0
ADC1
DAC0
MONO OUT
PORT A
PORT D
PORT F
AD1884
H
D
A
U
D
I
O
I
N
T
E
R
F
A
C
E
PORT C
PORT E
PORT B
S/PDIF OUT
DAC1
PCBEEP
HP
HP
DIGITAL
PCBEEP
Figure 1. Functional Block Diagram
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
Tel: 781.329.4700
www.analog.com
registered trademarks are the property of their respective owners.
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn