Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1884 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD1884
Description  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1884 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1884 Datasheet HTML 2Page - Analog Devices AD1884 Datasheet HTML 3Page - Analog Devices AD1884 Datasheet HTML 4Page - Analog Devices AD1884 Datasheet HTML 5Page - Analog Devices AD1884 Datasheet HTML 6Page - Analog Devices AD1884 Datasheet HTML 7Page - Analog Devices AD1884 Datasheet HTML 8Page - Analog Devices AD1884 Datasheet HTML 9Page - Analog Devices AD1884 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD1884
Parameter
Min
Typ
Max
Unit
MICROPHONE BIAS
MIC_BIAS-B, MIC_BIAS-C
MIC_BIAS_IN (Pin 33) = +5 V or +3.3 V
VREF Setting = Hi-Z
VREF Setting = 0 V
VREF Setting = 50%
MIC_BIAS_IN (Pin 33) = +5 V
VREF Setting = 80%
VREF Setting = 100%
MIC_BIAS_IN (Pin 33) = +3.3 V
VREF Setting = 80%
VREF Setting = 100%
MIC_BIAS-E (When enabled as BIAS)
VREF Setting = Hi-Z
VREF Setting = 0 V
VREF Setting = 50%
VREF Setting = 80%
VREF Setting = 100%
Output Drive Current
VREF Setting = 50%, 80%, or 100%
Hi-Z
0
1.65
3.7
3.9
2.86
3.0
Hi-Z
0
1.65
2.86
3.0
1.6
V dc
V dc
V dc
V dc
V dc
V dc
V dc
V dc
V dc
V dc
V dc
V dc
mA
GPIO 0
Input Signal High (VIH)
Input Signal Low (VIL)
Output Signal High (VOH)
IOUT = –500 μA
Output Signal Low (VOL)
IOUT = +1500 μA
Input Leakage Current (Signal High) (IIH)
Input Leakage Current (Signal Low) (IIL)
DVIO × 0.60
0
DVIO × 0.72
0
–150
–50
DVIO
DVIO × 0.24
DVIO
DVIO × 0.10
V
V
V
V
nA
μA
GPIO 1 and 2
Input Signal High (VIH)
Input Signal Low (VIL)
Output Signal High (VOH)
IOUT = –500 μA
Output Signal Low (VOL)
IOUT = +1500 μA
Input Leakage Current (Signal High) (IIH)
Input Leakage Current (Signal Low) (IIL)
AVDD × 0.60
0
AVDD × 0.72
0
–150
–50
AVDD
AVDD × 0.24
AVDD
AVDD × 0.10
V
V
V
V
nA
μA
POWER SUPPLY
Analog (AVDD) 3.3 V ±5%
Power Supply Range
Power Dissipation
Supply Current
Digital (DVDD) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
Digital I/O (DVIO) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
Power Supply Rejection (reference to fS 100 mV p-p Signal @ 1 kHz)
1
3.13
2.97
2.97
3.30
99
31
3.30
162
58
3.30
3.96
1.2
80
3.46
3.63
3.63
V
mW
mA
V
mW
mA
V
mW
mA
dB
1 Guaranteed but not tested.
2 Measurements reflect main ADC.
3 RMS values assume sine wave input.
HD–AUDIO LINK SPECIFICATION
High-definition audio signals comply with the High-definition
Audio specification. Please refer to these specifications at:
http://www.intel.com/standards/hdaudio/
Rev. 0
|
Page 6 of 16
|
January 2007


Similar Part No. - AD1884

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884AJCPZ AD-AD1884AJCPZ Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884AJCPZ-RL AD-AD1884AJCPZ-RL Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884_15 Datasheet
1Mb / 16P
   High Defintion Audio SoundMAX Codec
More results

Similar Description - AD1884

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987 Datasheet
956Kb / 18P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz