Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ32MC202 Datasheet(PDF) 98 Page - Microchip Technology

Part # DSPIC33FJ32MC202
Description  High-Performance, 16-bit Microcontrollers
Download  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC202 Datasheet(HTML) 98 Page - Microchip Technology

Back Button DSPIC33FJ32MC202 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 96Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 97Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 98Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 99Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 100Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 101Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 292 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283B-page 96
Preliminary
© 2007 Microchip Technology Inc.
7.1
CPU Clocking System
The
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304 devices provide seven system
clock options:
• Fast RC (FRC) Oscillator
• FRC Oscillator with PLL
• Primary (XT, HS or EC) Oscillator
• Primary Oscillator with PLL
• Secondary (LP) Oscillator
• Low-Power RC (LPRC) Oscillator
• FRC Oscillator with postscaler
7.1.1
SYSTEM CLOCK SOURCES
The Fast RC (FRC) internal oscillator runs at a nominal
frequency of 7.37 MHz. User software can tune the
FRC frequency. User software can optionally specify a
factor (ranging from 1:2 to 1:256) by which the FRC
clock frequency is divided. This factor is selected using
the FRCDIV<2:0> (CLKDIV<10:8>) bits.
The primary oscillator can use one of the following as
its clock source:
• XT (Crystal): Crystals and ceramic resonators in
the range of 3 MHz to 10 MHz. The crystal is con-
nected to the OSC1 and OSC2 pins.
• HS (High-Speed Crystal): Crystals in the range of
10 MHz to 40 MHz. The crystal is connected to
the OSC1 and OSC2 pins.
• EC (External Clock): External clock signal in the
range of 0.8 MHz to 64 MHz. The external clock
signal is directly applied to the OSC1 pin.
The secondary (LP) oscillator is designed for low power
and uses a 32.768 kHz crystal or ceramic resonator.
The LP oscillator uses the SOSCI and SOSCO pins.
The LPRC (Low-Power RC) internal oscIllator runs at a
nominal frequency of 32.768 kHz. It is also used as a
reference clock by the Watchdog Timer (WDT) and
Fail-Safe Clock Monitor (FSCM).
The clock signals generated by the FRC and primary
oscillators can be optionally applied to an on-chip
Phase Locked Loop (PLL) to provide a wide range of
output
frequencies
for
device
operation.
PLL
configuration is described in Section 7.1.3 “PLL
Configuration”.
7.1.2
SYSTEM CLOCK SELECTION
The oscillator source used at a device Power-on
Reset event is selected using Configuration bit set-
tings. The oscillator Configuration bit settings are
located in the Configuration registers in the program
memory. (Refer to Section 20.1 “Configuration
Bits” for further details.) The Initial Oscillator Selec-
tion
Configuration
bits,
FNOSC<2:0>
(FOSC-
SEL<2:0>), and the Primary Oscillator Mode Select
Configuration bits, POSCMD<1:0> (FOSC<1:0>),
select the oscillator source that is used at a Power-on
Reset. The FRC primary oscillator is the default
(unprogrammed) selection.
The Configuration bits allow users to choose among 12
different clock modes, shown in Table 7-1.
The output of the oscillator (or the output of the PLL if
a PLL mode has been selected) FOSC is divided by 2 to
generate the device instruction clock (FCY). FCY
defines the operating speed of the device, and speeds
up
to
40
MHz
are
supported
by
the
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
architecture.
Instruction execution speed or device operating
frequency, FCY, is given by:
EQUATION 7-1:
DEVICE OPERATING
FREQUENCY
7.1.3
PLL CONFIGURATION
The primary oscillator and internal FRC oscillator can
optionally use an on-chip PLL to obtain higher speeds
of operation. The PLL provides significant flexibility in
selecting the device operating speed. A block diagram
of the PLL is shown in Figure 7-2.
The output of the primary oscillator or FRC, denoted as
‘FIN’, is divided down by a prescale factor (N1) of 2, 3,
... or 33 before being provided to the PLL’s Voltage
Controlled Oscillator (VCO). The input to the VCO must
be selected in the range of 0.8 MHz to 8 MHz. The
prescale
factor
‘N1’
is
selected
using
the
PLLPRE<4:0> bits (CLKDIV<4:0>).
The PLL Feedback Divisor, selected using the
PLLDIV<8:0> bits (PLLFBD<8:0>), provides a factor ‘M,’
by which the input to the VCO is multiplied. This factor
must be selected such that the resulting VCO output
frequency is in the range of 100 MHz to 200 MHz.
The VCO output is further divided by a postscale factor
‘N2.’ This factor is selected using the PLLPOST<1:0>
bits (CLKDIV<7:6>). ‘N2’ can be either 2, 4 or 8, and
must be selected such that the PLL output frequency
(FOSC) is in the range of 12.5 MHz to 80 MHz, which
generates device operating speeds of 6.25-40 MIPS.
For a primary oscillator or FRC oscillator, output ‘FIN’,
the PLL output ‘FOSC’ is given by:
EQUATION 7-2:
FOSC CALCULATION
FCY = FOSC/2
(
)
M
N1*N2
FOSC = FIN*


Similar Part No. - DSPIC33FJ32MC202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
4Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
5Mb / 330P
   16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
2Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
2Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC33FJ32MC202EML MICROCHIP-DSPIC33FJ32MC202EML Datasheet
6Mb / 460P
   16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
11/29/11
More results

Similar Description - DSPIC33FJ32MC202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ12GP201 MICROCHIP-PIC24HJ12GP201 Datasheet
3Mb / 234P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202 Datasheet
3Mb / 244P
   High-Performance, 16-bit Microcontrollers
2007
PIC24HJ128GP310-I MICROCHIP-PIC24HJ128GP310-I Datasheet
4Mb / 292P
   High-Performance, 16-Bit Microcontrollers
02/04/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com