Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ32MC202 Datasheet(PDF) 92 Page - Microchip Technology

Part # DSPIC33FJ32MC202
Description  High-Performance, 16-bit Microcontrollers
Download  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC202 Datasheet(HTML) 92 Page - Microchip Technology

Back Button DSPIC33FJ32MC202 Datasheet HTML 88Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 89Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 90Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 91Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 92Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 93Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ32MC202 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 292 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283B-page 90
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 6-21:
IPC15: INTERRUPT PRIORITY CONTROL REGISTER 15
U-0
R/W-1
R/W-0
R/W-0
U-0
U-0
U-0
U-0
FLTA1IP<2:0>
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
FLTA1IP<2:0>: PWM1 Fault A Interrupt Priority bits
111 = Interrupt is priority 7 (highest priority interrupt)
001 = Interrupt is priority 1
000 = Interrupt source is disabled
bit 11-0
Unimplemented: Read as ‘0’
REGISTER 6-22:
IPC16: INTERRUPT PRIORITY CONTROL REGISTER 16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
bit 15
bit 8
U-0
R/W-1
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U1EIP<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-7
Unimplemented: Read as ‘0’
bit 6-4
U1EIP<2:0>: UART1 Error Interrupt Priority bits
111 = Interrupt is priority 7 (highest priority interrupt)
001 = Interrupt is priority 1
000 = Interrupt source is disabled
bit 3-0
Unimplemented: Read as ‘0’


Similar Part No. - DSPIC33FJ32MC202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
4Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
5Mb / 330P
   16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
2Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC33FJ32MC202 MICROCHIP-DSPIC33FJ32MC202 Datasheet
2Mb / 320P
   High-Performance, 16-bit Digital Signal Controllers
08/04/10
DSPIC33FJ32MC202EML MICROCHIP-DSPIC33FJ32MC202EML Datasheet
6Mb / 460P
   16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
11/29/11
More results

Similar Description - DSPIC33FJ32MC202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ12GP201 MICROCHIP-PIC24HJ12GP201 Datasheet
3Mb / 234P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202 Datasheet
3Mb / 244P
   High-Performance, 16-bit Microcontrollers
2007
PIC24HJ128GP310-I MICROCHIP-PIC24HJ128GP310-I Datasheet
4Mb / 292P
   High-Performance, 16-Bit Microcontrollers
02/04/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com