Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C530-ENL Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS87C530-ENL
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C530-ENL Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS87C530-ENL Datasheet HTML 5Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 6Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 7Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 8Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 9Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 10Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 11Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 12Page - Dallas Semiconductor DS87C530-ENL Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
9 of 47
Table 1. Special Function Register Locations
* Functions not present in the 80C52 are in bold.
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
P0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
80h
SP
81h
DPL
82h
DPH
83h
DPL1
84h
DPH1
85h
DPS
0
0
0
0
0
0
0
SEL
86h
PCON
SMOD_0
SMOD0
GF1
GF0
STOP
IDLE
87h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
88h
TMOD
GATE
C/ T
M1
M0
GATE
C/ T
M1
M0
89h
TL0
8Ah
TL1
8Bh
TH0
8Ch
TH1
8Dh
CKCON
WD1
WD0
T2M
T1M
T0M
MD2
MD1
MD0
8Eh
P1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
90h
EXIF
IE5
IE4
IE3
IE2
XT/RG
RGMD
RGSL
BGS
91h
TRIM
E4K
X12/
6
TRM2
TRM2
TRM1
TRM1
TRM0
TRM0
96h
SCON0
SM0/FE_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
98h
SBUF0
99h
P2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
A0h
IE
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
A8h
SADDR0
A9h
SADDR1
AAh
P3
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
B0h
IP
PS1
PT2
PS0
PT1
PX1
PT0
PX0
B8h
SADEN0
B9h
SADEN1
BAh
SCON1
SM0/FE_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
C0h
SBUF1
C1h
ROMSIZE
RMS2
RMS1
RMS0
C2h
PMR
CD1
CD0
SWB
XTOFF
ALEOFF
DME1
DME0
C4h
STATUS
PIP
HIP
LIP
XTUP
SPTA1
SPRA1
SPTA0
SPRA0
C5h
TA
C7h
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/ T2
CP/ RL2
C8h
T2MOD
T2OE
DCEN
C9h
RCAP2L
CAh
RCAP2H
CBh


Similar Part No. - DS87C530-ENL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C530-ENL MAXIM-DS87C530-ENL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530-ENL DALLAS-DS87C530-ENL Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS87C530-ENL DALLAS-DS87C530-ENL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS87C530-ENL MAXIM-DS87C530-ENL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
More results

Similar Description - DS87C530-ENL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com