Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C530 Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS87C530
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C530 Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS87C530_05 Datasheet HTML 31Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 32Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 33Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 34Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 35Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 36Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 37Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 38Page - Dallas Semiconductor DS87C530_05 Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
35 of 47
AC ELECTRICAL CHARACTERISTICS (Note 1)
33MHz
VARIABLE CLOCK
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
External Oscillator
0
33
0
33
Oscillator
Frequency
External Crystal
1/tCLCL
1
33
1
33
MHz
ALE Pulse Width
tLHLL
40
1.5tCLCL-5
ns
Port 0 Address Valid to ALE Low
tAVLL
10
0.5tCLCL-5
ns
Address Hold after ALE Low
tLLAX1
(Note 2)
(Note 2)
ns
ALE low to Valid Instruction In
tLLIV
43
2.5tCLCL-33
ns
ALE Low to PSEN Low
tLLPL
4
0.5tCLCL-11
ns
PSEN
Pulse Width
tPLPH
55
2tCLCL-5
ns
PSEN
Low to Valid Instruction In
tPLIV
37
2tCLCL-24
ns
Input Instruction Hold after PSEN
tPXIX
0
0
ns
Input Instruction Float after PSEN
tPXIZ
26
tCLCL-5
ns
Port 0 Address to Valid Instruction In
tAVIV1
59
3tCLCL-32
ns
Port 2 Address to Valid Instruction In
tAVIV2
68
3.5tCLCL-38
ns
PSEN
Low to Address Float
tPLAZ
(Note 2)
(Note 2)
ns
Note 1:
All parameters apply to both commercial and industrial temperature range operation unless otherwise noted. Specifications to
-40°C are guaranteed by design and are not production tested. AC electrical characteristics are not 100% tested, but are
characterized and guaranteed by design. All signals are characterized with load capacitance of 80pF except Port 0, ALE,
PSEN, RD
and
WR with 100pF. Interfacing to memory devices with float times (turn off times) over 25ns may cause contention. This will not
damage the parts, but will cause an increase in operating current. Specifications assume a 50% duty cycle for the oscillator. Port 2
and ALE timing will change in relation to duty cycle variation.
Note 2:
Address is driven strongly until ALE falls, and is then held in a weak latch until overdriven externally.


Similar Part No. - DS87C530_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C530-ECL MAXIM-DS87C530-ECL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530-ECL DALLAS-DS87C530-ECL Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS87C530-ECL DALLAS-DS87C530-ECL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS87C530-ECL MAXIM-DS87C530-ECL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
DS87C530-ENL MAXIM-DS87C530-ENL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS87C530_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com