Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E01P-100 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS28E01P-100
Description  1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28E01P-100 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS28E01P-100 Datasheet HTML 1Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 2Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 3Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 4Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 5Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 6Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 7Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 8Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Abridged Data Sheet
DS28E01-100
4 of 16
LEGACY VALUES
DS28E01-100 VALUES
PARAMETER
STANDARD SPEED
OVERDRIVE SPEED
STANDARD SPEED
OVERDRIVE SPEED
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tSLOT (incl. tREC)
61µs
(undef.)
7µs
(undef.)
65µs
1)
(undef.)
8µs
1)
(undef.)
tRSTL
480µs
(undef.)
48µs
80µs
480µs
640µs
48µs
80µs
tPDH
15µs
60µs
2µs
6µs
15µs
60µs
2µs
6µs
tPDL
60µs
240µs
8µs
24µs
60µs
240µs
8µs
24µs
tW0L
60µs
120µs
6µs
16µs
60µs
120µs
6µs
15.5µs
1) Intentional change, longer recovery time requirement due to modified 1-Wire front end.
PIN DESCRIPTION
NAME
FUNCTION
IO
1-Wire bus interface. Open drain, requires external pull-up resistor.
GND
Ground reference
NC
Not connected
DESCRIPTION
The DS28E01-100 combines 1024 bits of EEPROM organized as four 256-bit pages, a 64-bit secret, a register
page, a 512-bit SHA-1 engine, a 64-bit ROM registration number in a single chip. Data is transferred serially
through the 1-Wire protocol, which requires only a single data lead and a ground return. The DS28E01-100 has an
additional memory area called the scratchpad that acts as a buffer when writing to the memory, the register page,
or when installing a new secret. Data is first written to the scratchpad from where it can be read back. After the data
has been verified, a copy scratchpad command transfers the data to its final memory location, provided that the
DS28E01-100 receives a matching 160-bit MAC. The computation of the MAC involves the secret and additional
data stored in the DS28E01-100 including the device’s registration number. Only a new secret can be loaded
without providing a MAC. The SHA-1 engine is also activated to compute 160-bit MACs when performing an
authenticated read of a memory page and when computing a new secret, instead of loading it.
The DS28E01-100 understands a unique command "Refresh Scratchpad." Proper use of a refresh sequence after
a copy scratchpad operation reduces the number of weak bit failures if the device is used in a touch environment
(see the Writing with Verification section). The refresh sequence also provides a means to restore functionality in a
device with bits in a weak state.
The device's 64-bit ROM registration number guarantees unique identification and is used to address the device in
a multidrop 1-Wire network environment, where multiple devices reside on a common 1-Wire bus and operate
independently of each other. Applications of the DS28E01-100 include printer cartridge configuration and
monitoring, medical sensor authentication and calibration, and system intellectual property protection.
OVERVIEW
The block diagram in Figure 1 shows the relationships between the major control and memory sections of the
DS28E01-100. The DS28E01-100 has six main data components: 1) 64-bit lasered ROM, 2) 64-bit scratchpad, 3)
four 256-bit pages of EEPROM, 4) register page, 5) 64-bit secrets memory, and 6) a 512-bit SHA-1 (Secure Hash
Algorithm) engine. The hierarchical structure of the 1-Wire protocol is shown in Figure 2. The bus master must first
provide one of the seven ROM function commands, 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM,
5) Resume Communication, 6) Overdrive-Skip ROM, or 7) Overdrive-Match ROM. Upon completion of an overdrive
ROM command byte executed at standard speed, the device enters overdrive mode where all subsequent commu-
nication occurs at a higher speed. The protocol required for these ROM function commands is described in Figure
10. After a ROM function command is successfully executed, the memory and SHA-1 functions become accessible
and the master can provide any one of the 9 available function commands. The function protocols are described in
Figure 8
*. All data is read and written least significant bit first.
* For Figure 8 see the full version of the data sheet.


Similar Part No. - DS28E01P-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E01P-100 MAXIM-DS28E01P-100 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01P-100++ MAXIM-DS28E01P-100+ Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01P-100+TR MAXIM-DS28E01P-100+TR Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01P-100-T MAXIM-DS28E01P-100-T Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
More results

Similar Description - DS28E01P-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2432 DALLAS-DS2432 Datasheet
165Kb / 30P
   1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com