Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E01P-100 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS28E01P-100
Description  1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28E01P-100 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS28E01P-100 Datasheet HTML 1Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 2Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 3Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 4Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 5Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 6Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 7Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 8Page - Dallas Semiconductor DS28E01P-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Abridged Data Sheet
DS28E01-100
2 of 16
ABSOLUTE MAXIMUM RATINGS
IO Voltage to GND
-0.5V, +6V
IO Sink Current
20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C; see Note 1.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Note 2)
2.8
5.25
V
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
0.3
2.2
k
Ω
Input Capacitance
CIO
(Notes 4, 5)
1000
pF
Input Load Current
IL
IO pin at VPUP
0.05
6.7
µA
High-to-Low Switching
Threshold
VTL
(Notes 5, 6, 7)
0.46
VPUP -
1.8V
V
Input Low Voltage
VIL
(Notes 2, 8)
0.5
V
Low-to-High Switching
Threshold
VTH
(Notes 5, 6, 9)
1.0
VPUP -
1.1V
V
Switching Hysteresis
VHY
(Notes 5, 6, 10)
0.21
1.70
V
Output Low Voltage
VOL
At 4mA Current Load (Note 11)
0.4
V
Standard speed, RPUP = 2.2kΩ
5
Overdrive speed, RPUP = 2.2kΩ
2
Recovery Time
(Notes 2, 12)
tREC
Overdrive speed, directly prior to reset
pulse; RPUP = 2.2kΩ
5
µs
Standard speed
0.5
5.0
Rising-Edge Hold-off Time
(Notes 5, 13)
tREH
Overdrive speed
Not applicable (0)
µs
Standard speed
65
Time slot Duration
(Note 2, 14)
tSLOT
Overdrive speed
8
µs
IO PIN, 1-WIRE RESET, PRESENCE DETECT CYCLE
Standard speed
480
640
Reset Low Time (Note 2)
tRSTL
Overdrive speed
48
80
µs
Standard speed
15
60
Presence Detect High
Time
tPDH
Overdrive speed
2
6
µs
Standard speed
60
240
Presence Detect Low
Time
tPDL
Overdrive speed
8
24
µs
Standard speed
60
75
Presence Detect Sample
Time (Notes 2, 15)
tMSP
Overdrive speed
6
10
µs
IO PIN, 1-Wire WRITE
Standard speed
60
120
Overdrive speed, VPUP > 4.5V
5
15.5
Write-0 Low Time
(Notes 2, 16, 17)
tW0L
Overdrive speed
6
15.5
µs
Standard speed
1
15
Write-1 Low Time
(Notes 2, 17)
tW1L
Overdrive speed
1
2
µs
IO PIN, 1-Wire READ
Standard speed
5
15 -
δ
Read Low Time
(Notes 2, 18)
tRL
Overdrive speed
1
2 -
δ
µs
Standard speed
tRL + δ
15
Read Sample Time
(Notes 2, 18)
tMSR
Overdrive speed
tRL + δ
2
µs


Similar Part No. - DS28E01P-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E01P-100 MAXIM-DS28E01P-100 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01P-100++ MAXIM-DS28E01P-100+ Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01P-100+TR MAXIM-DS28E01P-100+TR Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01P-100-T MAXIM-DS28E01P-100-T Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
More results

Similar Description - DS28E01P-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2432 DALLAS-DS2432 Datasheet
165Kb / 30P
   1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com