Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2460S Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2460S
Description  SHA-1 Coprocessor with EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2460S Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS2460S Datasheet HTML 1Page - Dallas Semiconductor DS2460S Datasheet HTML 2Page - Dallas Semiconductor DS2460S Datasheet HTML 3Page - Dallas Semiconductor DS2460S Datasheet HTML 4Page - Dallas Semiconductor DS2460S Datasheet HTML 5Page - Dallas Semiconductor DS2460S Datasheet HTML 6Page - Dallas Semiconductor DS2460S Datasheet HTML 7Page - Dallas Semiconductor DS2460S Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Abridged Data Sheet
DS2460
7 of 8
Read and Write
This section discusses the read and write behavior of the various registers and the EEPROM. Please refer to the
full data sheet for details.
SHA-1 Engine Control
This section describes the user’s view of the SHA-1 engine and how to operate it. For details refer to the full data
sheet (includes Figures 7 to 9 and Tables 1 and 2).
SHA-1 COMPUTATION ALGORITHM
This description of the SHA computation is adapted from the Secure Hash Standard SHA-1 document that can be
downloaded from the NIST website (www.itl.nist.gov/fipspubs/fip180-1.htm). Further details are found in the full
version of the data sheet.
Application Information
SDA and SCL Pullup Resistors
SDA is an open-drain output on the DS2460 that requires a pullup resistor (Figure 10) to realize high logic levels.
Because the DS2460 uses SCL only as input (no clock stretching) the master can drive SCL either through an
open-drain/collector output with a pullup resistor or a push-pull output.
Figure 10. Application Schematic
VCC
SDA
SCL
µC
GND
VCC
SDA
AD0
SCL
AD1
AD2
GND
RP
RP
VCC
To additional
2-wire devices
Example
slave
address =
100 0101
Pullup Resistor RP Sizing
According to the I²C specification, a slave device must be able to sink at least 3mA at a VOL of 0.4V. This DC
condition determines the minimum value of the pullup resistor: R
PMIN = (VCC - 0.4V)/3mA. With an operating voltage
of 5.5V, the minimum value for the pullup resistor is 1.7k
Ω. The "Minimum RP" line in Figure 11 shows how the
minimum pullup resistor changes with the operating (pull-up) voltage.
For I²C systems, the rise time and fall time are measured from 30% to 70% of the pullup voltage. The maximum
bus capacitance CB is 400pF. The maximum rise time must not exceed 300ns. Assuming maximum rise time, the
maximum resistor value at any given capacitance CB is calculated as: RPMAX = 300ns/(CB*ln(7/3)). For a bus
capacitance of 400pF the maximum pullup resistor would be 885
Ω.


Similar Part No. - DS2460S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2460S MAXIM-DS2460S Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S++ MAXIM-DS2460S+ Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S+R MAXIM-DS2460S+R Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S+T MAXIM-DS2460S+T Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460SR MAXIM-DS2460SR Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
More results

Similar Description - DS2460S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2460 MAXIM-DS2460 Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
   1280-Bit EEPROM with SHA-1 Authentication
011206
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com