Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54CBT16244 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54CBT16244
Description  16-BIT FET BUS SWITCHES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54CBT16244 Datasheet(HTML) 3 Page - Texas Instruments

  SN54CBT16244 Datasheet HTML 1Page - Texas Instruments SN54CBT16244 Datasheet HTML 2Page - Texas Instruments SN54CBT16244 Datasheet HTML 3Page - Texas Instruments SN54CBT16244 Datasheet HTML 4Page - Texas Instruments SN54CBT16244 Datasheet HTML 5Page - Texas Instruments SN54CBT16244 Datasheet HTML 6Page - Texas Instruments SN54CBT16244 Datasheet HTML 7Page - Texas Instruments SN54CBT16244 Datasheet HTML 8Page - Texas Instruments SN54CBT16244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54CBT16244, SN74CBT16244
16-BIT FET BUS SWITCHES
SCDS031I – MAY 1996 – REVISED OCTOBER 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54CBT16244
SN74CBT16244
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
II
VCC = 0
VI = 5.5 V
10
10
µA
II
VCC = 5.5 V
VI = 5.5 V or GND
±1
±1
µA
ICC
VCC = 5.5 V,
VI = VCC or GND
IO = 0,
3.2
3
µA
∆ICC‡
Control
inputs
VCC = 5.5 V,
Other inputs at VCC or GND
One input at 3.4 V,
2.5
2.5
mA
Ci
Control
inputs
VI = 3 V or 0
2.5
2.5
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
4.5
4.5
pF
§
VCC = 4 V,
VI = 2.4 V,
II = 15 mA
20
20
r
§
VI = 0,
II = 64 mA
5
10
5
7
ron§
VCC = 4.5 V
VI = 0,
II = 30 mA
5
10
5
7
VI = 2.4 V,
II = 15 mA
8
14
8
12
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54CBT16244
SN74CBT16244
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4 V
VCC = 5 V
± 0.5 V
VCC = 4 V
VCC = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd¶
A or B
B or A
0.8*
0.35
0.25
ns
ten
OE
A or B
10.3
1
9.2
5.5
1
5.1
ns
tdis
OE
A or B
9.7
1
8.2
5.2
1
5.4
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN54CBT16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16244 TI-SN54CBT16244 Datasheet
184Kb / 10P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN54CBT16244WD TI-SN54CBT16244WD Datasheet
184Kb / 10P
[Old version datasheet]   16-BIT FET BUS SWITCHES
More results

Similar Description - SN54CBT16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT16244 TI-SN54CBT16244 Datasheet
184Kb / 10P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383_06 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com