Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK10C68-5L25 Datasheet(PDF) 5 Page - Simtek Corporation

Part # STK10C68-5L25
Description  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C68-5L25 Datasheet(HTML) 5 Page - Simtek Corporation

  STK10C68-5L25 Datasheet HTML 1Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 2Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 3Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 4Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 5Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 6Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 7Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 8Page - Simtek Corporation STK10C68-5L25 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STK10C68
March 2006
5
Document Control # ML0006 rev 0.2
STORE INHIBIT/POWER-UP RECALL
(VCC = 5.0V + 10%)
Note k:
tRESTORE starts from the time VCC rises above VSWITCH.
STORE INHIBIT/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK10C68
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up RECALL Duration
550
μs
k
23
tSTORE
STORE Cycle Duration
10
ms
24
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
25
VRESET
Low Voltage Reset Level
3.6
V
VCC
VSWITCH
VRESET
POWER-UP RECALL
DQ (DATA OUT)
STORE INHIBIT
5V
22
tRESTORE
24
25
POWER-UP
RECALL
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH


Similar Part No. - STK10C68-5L25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C68-5L25 ETC1-STK10C68-5L25 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5L25I ETC1-STK10C68-5L25I Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68-5L25M ETC1-STK10C68-5L25M Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Similar Description - STK10C68-5L25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com