Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8763 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA8763
Description  10-bit high-speed low-power ADC with internal reference regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8763 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1999 Jan 06
3
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8763
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
3.0
3.3
5.25
V
ICCA
analog supply current
30
35
mA
ICCD
digital supply current
16
21
mA
ICCO
output stages supply current
fclk = 40 MHz; ramp input
12mA
INL
integral non-linearity
fclk = 40 MHz; ramp input
−±0.8
±2.0
LSB
DNL
differential non-linearity
fclk = 40 MHz; ramp input
−±0.5
±0.9
LSB
fclk(max)
maximum clock frequency
TDA8763M/3
30
−−
MHz
TDA8763M/4
40
−−
MHz
TDA8763M/5
50
−−
MHz
Ptot
total power dissipation
fclk = 40 MHz; ramp input
235
305
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn