Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBAT54 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GBAT54
Description  Silicon Schottky Barrier Double Diodes .
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GBAT54 Datasheet(HTML) 1 Page - GTM CORPORATION

  GBAT54 Datasheet HTML 1Page - GTM CORPORATION GBAT54 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G B
B A
AT
T 5544//A
A//C
C //S
S
Description
Silicon Schottky Barrier Double Diodes .
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Style : Pin 1.Anode 2.Cathode 3.Common Connection
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
Storage Temperature
Tstg
-65 ~ +125
Repetitive Peak Reverse Voltage
30
V
Forward Continuous Current
200
mA
Repetitive Peak Forward Current
300
mA
Surge Forward Current
600
mA
Total Power Dissipation at Ta = 25 :
PD
230
mW
Characteristics at Ta = 25 ::::
characteristics
Symbol
Min
Max.
Unit
Test Conditions
Reverse breakdown voltage
V(BR)R
30
-
V
IR=10uA
VF(1)
-
240
mV
IF=0.1mA
VF(2)
-
320
mV
IF=1mA
VF(3)
-
400
mV
IF=10mA
VF(4)
-
500
mV
IF=30mA
Forward Voltage
VF(5)
-
1000
mV
IF=100mA
Reverse Current
IR
-
2.0
uA
VR=25V
Total Capacitance
CT
-
10
pF
VR=1V, f=1MHz
Reverse Recover Time
Trr
-
5
ns
IF=IR=10mA, RL=100 Ł measured at IR=1mA


Similar Part No. - GBAT54

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBAT54 ETL-GBAT54 Datasheet
226Kb / 2P
   Silicon Schottky Barrier Double Diodes
GBAT54-A-C-S ETL-GBAT54-A-C-S Datasheet
226Kb / 2P
   Silicon Schottky Barrier Double Diodes
More results

Similar Description - GBAT54

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBAT54 HSMC-HBAT54 Datasheet
23Kb / 3P
   Silicon Schottky Barrier Double Diodes
logo
Vishay Siliconix
HBAT54 VISHAY-HBAT54_08 Datasheet
111Kb / 5P
   Silicon Schottky Barrier Double Diodes
Revised Date : 2008.07.15
logo
Hi-Sincerity Mocroelect...
HBAT54 HSMC-HBAT54_08 Datasheet
111Kb / 5P
   Silicon Schottky Barrier Double Diodes
logo
E-Tech Electronics LTD
GBAT54-A-C-S ETL-GBAT54-A-C-S Datasheet
226Kb / 2P
   Silicon Schottky Barrier Double Diodes
logo
Hi-Sincerity Mocroelect...
HBAT54X HSMC-HBAT54X Datasheet
35Kb / 4P
   Silicon Schottky Barrier Double Diodes
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com