Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3113B Datasheet(PDF) 7 Page - NEC

Part # 2SK3113B
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3113B Datasheet(HTML) 7 Page - NEC

  2SK3113B Datasheet HTML 1Page - NEC 2SK3113B Datasheet HTML 2Page - NEC 2SK3113B Datasheet HTML 3Page - NEC 2SK3113B Datasheet HTML 4Page - NEC 2SK3113B Datasheet HTML 5Page - NEC 2SK3113B Datasheet HTML 6Page - NEC 2SK3113B Datasheet HTML 7Page - NEC 2SK3113B Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D18061EJ3V0DS
7
2SK3113B
PACKAGE DRAWINGS (Unit: mm)
1) TO-251 (MP-3-a)
2) TO-251 (MP-3-b)
6.6
±0.2
Mold Area
2.3
±0.1
0.5
±0.1
0.76
±0.1
0.5
±0.1
No Plating
5.3 TYP.
4.3 MIN.
1
4
23
1.14 MAX.
2.3 TYP.
2.3 TYP.
1. Gate
2. Drain
3. Source
4. Fin (Drain)
1.Gate
2.Drain
3.Source
4.Fin (Drain)
6.6±0.2
2.3±0.1
0.5±0.1
0.76±0.12
0.5±0.1
5.3 TYP.
2.3 TYP.
2.3 TYP.
1.14 MAX.
2
13
4
3) TO-252 (MP-3ZK)
EQUIVALENT CIRCUIT
6.5
±0.2
2.3
±0.1
0.5
±0.1
0.76
±0.12
0 to 0.25
0.5
±0.1
1.0
No Plating
No Plating
5.1 TYP.
4.3 MIN.
1
4
23
1.14 MAX.
2.3
2.3
1. Gate
2. Drain
3. Source
4. Fin (Drain)
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.
<R>


Similar Part No. - 2SK3113B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3113B RENESAS-2SK3113B Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
2SK3113B-S15-AY RENESAS-2SK3113B-S15-AY Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
2SK3113B-S27-AY RENESAS-2SK3113B-S27-AY Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
logo
VBsemi Electronics Co.,...
2SK3113B-ZK-E1-AY VBSEMI-2SK3113B-ZK-E1-AY Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3113B-ZK-E1-AY RENESAS-2SK3113B-ZK-E1-AY Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK3113B

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com