Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3113B Datasheet(PDF) 5 Page - NEC

Part # 2SK3113B
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3113B Datasheet(HTML) 5 Page - NEC

  2SK3113B Datasheet HTML 1Page - NEC 2SK3113B Datasheet HTML 2Page - NEC 2SK3113B Datasheet HTML 3Page - NEC 2SK3113B Datasheet HTML 4Page - NEC 2SK3113B Datasheet HTML 5Page - NEC 2SK3113B Datasheet HTML 6Page - NEC 2SK3113B Datasheet HTML 7Page - NEC 2SK3113B Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D18061EJ3V0DS
5
2SK3113B
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
2
4
6
8
10
-50
0
50
100
150
ID = 2.0 A
1.0 A
VGS = 10 V
Pulsed
Tch - Channel Temperature - °C
0.01
0.1
1
10
100
0.0
0.5
1.0
VGS = 10 V
0 V
Pulsed
VF(S-D) – Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
SWITCHING CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
C iss
C oss
C rss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage – V
1
10
100
1000
0.1
1
10
tr
td(off)
td(on)
tf
VDD = 150 V
VGS = 10 V
RG = 10
Ω
ID - Drain Current - A
REVWESE RECOVERY TIME vs.
DRAIN CURRENT
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
10
100
1000
0.1
1
10
di/dt = 50 A/
μs
VGS = 0 V
ID - Drain Current - A
0
100
200
300
400
500
600
0246
8
10
0
1
2
3
4
5
6
7
8
9
10
ID = 2.0 A
VDD = 450 V
300 V
150 V
VDS
VGS
QG – Gate Chage - nC


Similar Part No. - 2SK3113B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3113B RENESAS-2SK3113B Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
2SK3113B-S15-AY RENESAS-2SK3113B-S15-AY Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
2SK3113B-S27-AY RENESAS-2SK3113B-S27-AY Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
logo
VBsemi Electronics Co.,...
2SK3113B-ZK-E1-AY VBSEMI-2SK3113B-ZK-E1-AY Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3113B-ZK-E1-AY RENESAS-2SK3113B-ZK-E1-AY Datasheet
347Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK3113B

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com