Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H64BS2K45 Datasheet(PDF) 11 Page - Simtek Corporation

Part # U631H64BS2K45
Description  SoftStore 8K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U631H64BS2K45 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button U631H64BS2K45 Datasheet HTML 5Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 6Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 7Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 8Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 9Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 10Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 11Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 12Page - Simtek Corporation U631H64BS2K45 Datasheet HTML 13Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
U631H64
11
March 31, 2006
STK Control #ML0045
Rev 1.0
Due to this automatic RECALL, SRAM operation
cannot commence until tRESTORE after VCC exceeds
VSWITCH.
If the U631H64 is in a WRITE state at the end of power
up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10 K
Ω resistor should be
connected between W and VCC.
Hardware Protection
The U631H64 offers hardware protection against inad-
vertent STORE operation through VCC sense.
For VCC < VSWITCH the software initiated STORE opera-
tion will be inhibited.
Low Average Active Power
The U631H64 has been designed to draw significantly
less power when E is LOW (chip enabled) but the
access cycle time is longer than 55 ns.
When E is HIGH the chip consumes only standby cur-
rent.
The overall average current drawn by the part depends
on the following items:
1. CMOS or TTL input levels
2. the time during which the chip is disabled (E HIGH)
3. the cycle time for accesses (E LOW)
4. the ratio of READs to WRITEs
5. the operating temperature
6. the VCC level
The information describes the type of component and shall not be considered as assured characteristics. Terms of
delivery and rights to change design reserved.


Similar Part No. - U631H64BS2K45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
More results

Similar Description - U631H64BS2K45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com