Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUA01C748500V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PUA01C748500V
Description  Monitoring Relays 1-Phase AC/DC Over Voltage - AC Over Current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PUA01C748500V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PUA01C748500V Datasheet HTML 1Page - List of Unclassifed Manufacturers PUA01C748500V Datasheet HTML 2Page - List of Unclassifed Manufacturers PUA01C748500V Datasheet HTML 3Page - List of Unclassifed Manufacturers PUA01C748500V Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications are subject to change without notice (26.09.06)
1
Monitoring Relays
Product Description
Ordering Key
Housing
Function
Type
Item number
Output
Power supply
Range
• AC/DC over voltage monitoring relay
• Selection of measuring range by DIP-switches
• Measuring ranges: 2 to 20 VAC/DC, 5 to 50 VAC/DC,
20 to 200 VAC/DC, 50 to 500 VAC/DC, 0.4 to 4 Vp AC
• Adjustable voltage limit on relative scale
• Adjustable hysteresis
• Programmable latching at set level
• Output: 8 A SPDT relay normally de-energized
• For mounting on DIN-rail in accordance with DIN/EN
50 022 (DUA01) or plug-in module (PUA01)
• 22.5 mm Euronorm housing (DUA01) or
36 mm plug-in module (PUA01)
• LED indication for relay and power supply ON
• Galvanically separated power supply
Type Selection
Input (voltage level)
DUA01
Terminals Y1, Y2
PUA01
Terminals 5, 7
Measuring ranges
Direct
Int. resist.
Max. volt.
Selectable by DIP-switches
2 to 20 VAC/DC
> 500 k
600 V
5 to 50 VAC/DC
> 500 k
600 V
20 to 200 VAC/DC
> 500 k
600 V
50 to 500 VAC/DC
> 500 k
600 V
0.4 to 4 Vp AC
> 500 k
600 V
Max. voltage for 1 s
1000 V
MI and MP CT ranges
AAC rms
Max. curr.
1-ph.:
3-ph.:
MI 5
MP 3005
0.5 to 5 A
20 AAC
MI 20
MP 3020
2 to 20 A
50 AAC
MI 100
MP 3100
10 to 100 A
250 AAC
MI 500
MP 3500
50 to 500 A
750 AAC
Note:
The input voltage cannot
raise over 300 VAC/DC with
respect to ground (PUA01 only)
Contact input
DUA01
Terminals Z1, Y1
PUA01
Terminals 8, 9
Disabled
> 10 k
Enabled
< 500
Latch disable
> 500 ms
1-Phase AC/DC Over Voltage - AC Over Current
Types DUA01, PUA01
Input Specifications
Output
SPDT relay
Rated insulation voltage
250 VAC
Contact ratings (AgSnO2
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
≥ 2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Output Specifications
DUA 01 C B23 500V
DUA01 and PUA01 are pre-
cise
AC/DC
over
voltage
monitoring relays. They can
also be used as 1-phase or 3-
phase over current monitoring
relays when connected with
MI or MP current transformers.
Owing to the built-in latch
function, the ON-position of
the relay output can be main-
tained.
The red LED indicates the
alarm status.
DUA01
PUA01
Mounting
Output
Supply: 24 VDC
Supply: 48 VDC
Supply: 24/48 VAC
Supply: 115/230 VAC
DIN-rail
SPDT
DUA 01 C 724 500V
DUA 01 C 748 500V
DUA 01 C B48 500V
DUA 01 C B23 500V
Plug-in
SPDT
PUA 01 C 724 500V
PUA 01 C 748 500V
PUA 01 C B48 500V
PUA 01 C B23 500V


Similar Part No. - PUA01C748500V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PUA3117 PANASONIC-PUA3117 Datasheet
89Kb / 3P
   Silicon NPN triple diffusion planar type
logo
Texas Instruments
PUA78L033AIPK TI-PUA78L033AIPK Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
PUA78L033AIPK TI-PUA78L033AIPK Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
PUA78L033AIPK TI-PUA78L033AIPK Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
PUA78L05ACPKM3 TI-PUA78L05ACPKM3 Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
More results

Similar Description - PUA01C748500V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIA01C7245A ETC2-DIA01C7245A Datasheet
106Kb / 3P
   Monitoring Relays 1-Phase AC/DC Over Current
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
   Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
   Monitoring Relays AC Current Transformer
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
STMicroelectronics
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
AIMTEC
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
   Over current, Over Voltage Protection
logo
STMicroelectronics
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com