Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLA71DB482P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DLA71DB482P
Description  Monitoring Relays Pump alternating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DLA71DB482P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DLA71DB482P Datasheet HTML 1Page - List of Unclassifed Manufacturers DLA71DB482P Datasheet HTML 2Page - List of Unclassifed Manufacturers DLA71DB482P Datasheet HTML 3Page - List of Unclassifed Manufacturers DLA71DB482P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice (01.09.06)
Mode of Operation
DLA71 is made for pumping
systems where 2 or 3 pumps
are in parallel. It lets the
pumps
work
alternatively,
allowing
more
pumps
to
work togheter in case of
need.
Example 1
(emptying a basin, 2-pump
system)
As soon as the liquid reach-
es switch S1 one pump
starts.
As
soon
as
S1
switches
back
the
pump
stops. When switch S1 is
activated again the other
pump starts allowing uni-
form wear and tear of all the
pumps. If switch S2 is acti-
vated both pumps start (2
pumps running at the same
time).
When
S2
switches
back
the
pump
running
since most time stops.
Example 2
(emptying a basin, 2-pump
system, differential mode)
In this case the pumps are
separately
started
and
stopped by the two pairs of
switches S1, S2 and S3, S4.
Appropriate
positioning
allows the pumps to work
together in case of need.
Note (2-pump system)
If the system is continuously
working with only one pump,
after working for 6 hours,
DLA71 stops the pump and
the second one automatical-
ly starts.
This
rotation
is
repeated
every 6 hours of single and
continuative
work
of
a
pump.
Example 3
(emptying a basin, 3-pump
system, normal mode)
The system works exactly as
described
in
example
1
except that if switch S3 is
reached three pumps work
at the same time. When they
switch back the pumps are
turned off in sequence start-
ing from the one running
longer.
Example 4
(emptying a basin, 3-pump
system, full mode)
As soon as the liquid reach-
es switch S1 one pump
starts. When it drops below
switch S4 it stops. If switch
S1 is triggered again another
pump starts. If switch S2 is
activated a second pump
starts (rescue function). If
switch S3 is activated all the
pumps operate. The only
switch to stop all the pumps
active at a certain time is S4.
Note (3-pump system)
If the system is continuously
working with only one pump,
after working for 6 hours,
DLA71 stops the pump and
the second one automatical-
ly starts. If also the second
pump
works
continuously
alone
for
6
hours,
it
is
stopped and the third pump
is then started.
If a couple of pumps is con-
tinuously
working
for
6
hours, the one running for
more time stops and the free
one starts.
This
rotation
is
repeated
every 6 hours of continuative
work of a pump or a couple
of pumps.
Note (2 and 3-pump sys-
tems)
In case the task is to fill a
basin, all the switches are
reversed in the basin itself.
DLA71
Indication for
Power supply ON
LED, green, steady
One Pump ON
as above, flashing 1 Hz
Two Pumps ON
as above, flashing 2 Hz
Three Pumps ON(DLA71...3P) as above, flashing 3 Hz
Note: if more than one pump
is active, the indication refers
to the pump started last.
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3
Operating temperature
-20 to 60°C, R.H. < 95%
Storage temperature
-30 to 80°C, R.H. < 95%
Housing
Dimensions
35.5 x 81 x 67.2 mm
Material
PA 66
Weight
Approx. 135 g
Screw terminals
Tightening torque
Max. 0.5 Nm
acc. to IEC 60947
Approvals
UL, CSA
CE Marking
Yes
EMC
Electromagnetic Compatibillity
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
General Specifications
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
A1, A2 or A3, A2
B48:
24/48 VAC ± 15%
45 to 65 Hz, insulated
B23:
115/230 VAC ± 15%
45 to 65 Hz, insulated
Dielectric voltage
Supply to input
4 kV (1.2/50 µs)
Supply to output
4 kV (1.2/50 µs)
Input to output
4 kV (1.2/50 µs)
Rated operational power
AC
3 VA
Supply Specifications
Reaction time
Closing input
< 100 ms
Opening input
< 100 ms
Minimum delay to activate
the rescue pumps
10 s
Continous working time to
activate the rotation pumps
6 h ± 10%
General Specifications


Similar Part No. - DLA71DB482P

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DLA71DB482P CARLOGAVAZZI-DLA71DB482P Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
More results

Similar Description - DLA71DB482P

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DLA71 CARLOGAVAZZI-DLA71 Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
logo
List of Unclassifed Man...
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
   Monitoring Relays Monitoring Relays Types DUB02, PUB02
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Allen-Bradley
MSR8T ALLEN-BRADLEY-MSR8T Datasheet
64Kb / 1P
   Monitoring Safety Relays
MSR123RT ALLEN-BRADLEY-MSR123RT Datasheet
62Kb / 2P
   Monitoring Safety Relays
MSR121RT ALLEN-BRADLEY-MSR121RT Datasheet
64Kb / 2P
   Monitoring Safety Relays
MSR9T ALLEN-BRADLEY-MSR9T Datasheet
64Kb / 2P
   Monitoring Safety Relays
MSR5T ALLEN-BRADLEY-MSR5T Datasheet
78Kb / 2P
   Monitoring Safety Relays
MSR131RTP ALLEN-BRADLEY-MSR131RTP Datasheet
68Kb / 2P
   Monitoring Safety Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com