Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8752BH Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8752BH
Description  Triple high-speed Analog-to-Digital Converter 110 Msps ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752BH Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8752BH Datasheet HTML 14Page - NXP Semiconductors TDA8752BH Datasheet HTML 15Page - NXP Semiconductors TDA8752BH Datasheet HTML 16Page - NXP Semiconductors TDA8752BH Datasheet HTML 17Page - NXP Semiconductors TDA8752BH Datasheet HTML 18Page - NXP Semiconductors TDA8752BH Datasheet HTML 19Page - NXP Semiconductors TDA8752BH Datasheet HTML 20Page - NXP Semiconductors TDA8752BH Datasheet HTML 21Page - NXP Semiconductors TDA8752BH Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
2000 Jan 10
18
Philips Semiconductors
Preliminary specification
Triple high-speed Analog-to-Digital
Converter 110 Msps (ADC)
TDA8752B
OFFSET REGISTER
This register controls the clamp level for the
RGB channels. The relationship between the
programming code and the level of the clamp code is given
in Table 2.
Table 2
Coding
The default programmed value is:
• Programmed code = 127
• Clamp code = 0
• ADC output = 0.
COARSE AND FINE REGISTERS
These two registers enable the gain control, the AGC gain
with the coarse register and the reference voltage with the
fine register. The coarse register programming equation is
as follows:
Where: Vref = 2.5 V.
The gain correspondence is given in Table 3. The gain is
linear with reference to the programming code (NFINE = 0).
Table 3
Gain correspondence (COARSE)
The default programmed value is as follows:
• N
COARSE =32
• Gain = 0.825
• Vi to be full-scale = 1.212.
To modulate this gain, the fine register is programmed
using the above equation. With a full-scale ADC input, the
fine register resolution is a 1
2LSB peak-to-peak
(see Table 4 for NCOARSE = 32).
Table 4
Gain correspondence (FINE)
The default programmed value is: NFINE =0.
CONTROL REGISTER
COAST and HSYNC signals can be inverted by setting the
I2C-bus control bits V level and H level respectively. When
V level and H level are set to zero respectively, COAST
and HSYNC are active HIGH.
The bit ‘edge’ defines the rising or falling edge of CKREF
to synchronise the PLL. It will be on the rising edge if the
bit is at logic 0 and on the falling edge if the bit is at logic 1.
The bits Up and Do are used for the test, to force the
charge pump current. These bits have to be logic 0 during
normal use.
The bits Ip0, Ip1 and Ip2 control the charge pump current,
to increase the bandwidth of the PLL, as shown in Table 5.
PROGRAMMED
CODE
CLAMP CODE
ADC OUTPUT
0
−63.5
underflow
1
−63
2
−62.5
↓↓
127
0
0
↓↓↓
254
63.5
63 or 64
255
64
64
256
120
120
↓↓↓
287
136
136
GAIN
N
COARSE
1
+
V
ref 1
N
FINE
32
16
×
-------------------


---------------------------------------------
1
16
------
×
N
COARSE
1
+
V
ref 512
N
FINE
()
-----------------------------------------------
32
×
=
=
NCOARSE
GAIN
Vi TO BE
FULL-SCALE
32
0.825
1.212
99
2.5
0.4
NFINE
GAIN
Vi TO BE
FULL-SCALE
0
0.825
1.212
31
0.878
1.139


Similar Part No. - TDA8752BH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/8 PHILIPS-TDA8752AH/8 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results

Similar Description - TDA8752BH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768A PHILIPS-TDA8768A Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
   Triple High Speed, 8-bit Analog-to-Digital Converter
logo
Exar Corporation
MP8784 EXAR-MP8784 Datasheet
628Kb / 9P
   CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com