Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LS160A Datasheet(PDF) 1 Page - Motorola, Inc

Part No. SN74LS160A
Description  BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

SN74LS160A Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FAST AND LS TTL DATA
BCD DECADE COUNTERS/
4-BIT BINARY COUNTERS
The LS160A / 161A / 162A / 163A are high-speed 4-bit synchronous count-
ers. They are edge-triggered, synchronously presettable, and cascadable
MSI building blocks for counting, memory addressing, frequency division and
other applications. The LS160A and LS162A count modulo 10 (BCD). The
LS161A and LS163A count modulo 16 (binary.)
The LS160A and LS161A have an asynchronous Master Reset (Clear)
input that overrides, and is independent of, the clock and all other control
inputs. The LS162A and LS163A have a Synchronous Reset (Clear) input that
overrides all other control inputs, but is active only during the rising clock
edge.
BCD (Modulo 10)
Binary (Modulo 16)
Asynchronous Reset
LS160A
LS161A
Synchronous Reset
LS162A
LS163A
Synchronous Counting and Loading
Two Count Enable Inputs for High Speed Synchronous Expansion
Terminal Count Fully Decoded
Edge-Triggered Operation
Typical Count Rate of 35 MHz
ESD > 3500 Volts
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
12
345
6
7
16
15
8
VCC
*R
TC
Q0
Q1
Q2
CET
Q3
PE
CP
P0
P1
P2
P3
CEP GND
*MR for LS160A and LS161A
*SR for LS162A and LS163A
PIN NAMES
LOADING (Note a)
HIGH
LOW
PE
P0 –P3
CEP
CET
CP
MR
SR
Q0 –Q3
TC
Parallel Enable (Active LOW) Input
Parallel Inputs
Count Enable Parallel Input
Count Enable Trickle Input
Clock (Active HIGH Going Edge) Input
Master Reset (Active LOW) Input
Synchronous Reset (Active LOW) Input
Parallel Outputs (Note b)
Terminal Count Output (Note b)
1.0 U.L.
0.5 U.L.
0.5 U.L.
1.0 U.L.
0.5 U.L.
0.5 U.L.
1.0 U.L.
10 U.L.
10 U.L.
0.5 U.L.
0.25 U.L.
0.25 U.L.
0.5 U.L.
0.25 U.L.
0.25 U.L.
0.5 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
SN54/74LS160A
SN54/74LS161A
SN54/74LS162A
SN54/74LS163A
BCD DECADE COUNTERS /
4-BIT BINARY COUNTERS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
934
56
7
10
2
15
1
14 131211
PE P0 P1 P2 P3
CEP
CET
CP
*R Q0 Q1 Q2 Q3
TC
*MR for LS160A and LS161A
*SR for LS162A and LS163A


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54ALS161B_07SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC393_07DUAL 4-BIT BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
CD54AC1614-BIT SYNCHRONOUS BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
CD54ACT1614-BIT SYNCHRONOUS BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
5490Decade and Binary Counters 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54HC1914-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
CD74HC93_06High-Speed CMOS Logic 4-Bit Binary Ripple Counter 1 2 3 4 5 MoreTexas Instruments
SN54LV4040A_0712-BIT ASYNCHRONOUS BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC404012-BIT ASYNCHRONOUS BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn