Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8752B Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8752B
Description  Triple high-speed Analog-to-Digital Converter 110 Msps ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752B Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8752B Datasheet HTML 18Page - NXP Semiconductors TDA8752B Datasheet HTML 19Page - NXP Semiconductors TDA8752B Datasheet HTML 20Page - NXP Semiconductors TDA8752B Datasheet HTML 21Page - NXP Semiconductors TDA8752B Datasheet HTML 22Page - NXP Semiconductors TDA8752B Datasheet HTML 23Page - NXP Semiconductors TDA8752B Datasheet HTML 24Page - NXP Semiconductors TDA8752B Datasheet HTML 25Page - NXP Semiconductors TDA8752B Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
2000 Jan 10
22
Philips Semiconductors
Preliminary specification
Triple high-speed Analog-to-Digital
Converter 110 Msps (ADC)
TDA8752B
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA
analog supply voltage
−0.3
+7.0
V
VCCD
digital supply voltage
−0.3
+7.0
V
VDDD
logic input voltage
−0.3
+7.0
V
VCCO
output stages supply voltage
−0.3
+7.0
V
∆V
CC
supply voltage differences
VCCA − VCCD
−1.0
+1.0
V
VCCO − VCCD; VCCO − VDDD
−1.0
+1.0
V
VCCA − VDDD; VCCD − VDDD
−1.0
+1.0
V
VCCA − VCCO
−1.0
+1.0
V
Vi(RGB)
RGB input voltage range
referenced to AGND
−0.3
+7.0
V
Io
output current
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
0
70
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
52
K/W


Similar Part No. - TDA8752B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/8 PHILIPS-TDA8752AH/8 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results

Similar Description - TDA8752B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768A PHILIPS-TDA8768A Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
   Triple High Speed, 8-bit Analog-to-Digital Converter
logo
Exar Corporation
MP8784 EXAR-MP8784 Datasheet
628Kb / 9P
   CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com