Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U631H16S1K35 Datasheet(PDF) 1 Page - Simtek Corporation

Part # U631H16S1K35
Description  SimtekSoftStore 2K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U631H16S1K35 Datasheet(HTML) 1 Page - Simtek Corporation

  U631H16S1K35 Datasheet HTML 1Page - Simtek Corporation U631H16S1K35 Datasheet HTML 2Page - Simtek Corporation U631H16S1K35 Datasheet HTML 3Page - Simtek Corporation U631H16S1K35 Datasheet HTML 4Page - Simtek Corporation U631H16S1K35 Datasheet HTML 5Page - Simtek Corporation U631H16S1K35 Datasheet HTML 6Page - Simtek Corporation U631H16S1K35 Datasheet HTML 7Page - Simtek Corporation U631H16S1K35 Datasheet HTML 8Page - Simtek Corporation U631H16S1K35 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
U631H16
Obsolete - Not Recommended for New Designs
1
March 31, 2006
STK Control #ML0042
Rev 1.0
SimtekSoftStore 2K x 8 nvSRAM
The U631H16 has two separate
modes of operation: SRAM mode
and nonvolatile mode. In SRAM
mode, the memory operates as an
ordinary static RAM. In nonvolatile
operation, data is transferred in
parallel from SRAM to EEPROM or
from EEPROM to SRAM. In this
mode SRAM functions are disab-
led.
The U631H16 is a fast static RAM
(25, 35, 45 ns), with a nonvolatile
electrically
erasable
PROM
(EEPROM) element incorporated
in each static memory cell. The
SRAM can be read and written an
unlimited number of times, while
independent nonvolatile data resi-
des in EEPROM.
Data transfers from the SRAM to
the EEPROM (the STORE opera-
tion), or from the EEPROM to the
SRAM (the RECALL ) operation)
are
initiated
through
software
sequences.
The U631H16 combines the high
performance and ease of use of a
fast SRAM with nonvolatile data
integrity.
Once a STORE cycle is initiated,
further input or output are disabled
until the cycle is completed.
Because a sequence of addresses
is used for STORE initiation, it is
important that no other read or
write accesses intervene in the
sequence or the sequence will be
aborted.
Internally, RECALL is a two step
procedure. First, the SRAM data is
cleared and second, the nonvola-
tile information is transferred into
the SRAM cells.
The RECALL operation in no way
alters the data in the EEPROM
cells. The nonvolatile data can be
recalled an unlimited number of
times.
High-performance CMOS nonvola-
tile static RAM 2048 x 8 bits
25, 35 and 45 ns Access Times
12, 20 and 25 ns Output Enable
Access Times
Software STORE Initiation
(STORE Cycle Time < 10 ms)
Automatic STORE Timing
106 STORE cycles to EEPROM
100 years data retention in
EEPROM
Automatic RECALL on Power Up
Software RECALL Initiation
(RECALL Cycle Time < 20
μs)
Unlimited RECALL cycles from
EEPROM
Unlimited Read and Write to
SRAM
Single 5 V ± 10 % Operation
Operating temperature ranges:
0 to 70 °C
-40 to 85 °C
QS 9000 Quality Standard
ESD protection > 2000 V
(MIL STD 883C M3015.7-HBM)
RoHS compliance and Pb- free
Packages: PDIP28 (600 mil)
SOP24 (300 mil)
Pin Configuration
Pin Description
Top View
1
n.c.
VCC
28
2
n.c.
W
27
4
A6
A8
25
5
A5
A9
24
3
A7
n.c.
26
6
A4
n.c.
23
7
A3
G
22
8
A2
A10
21
12
DQ1
DQ5
17
9
A1
E
20
10
A0
DQ7
19
11
DQ0
DQ6
18
13
DQ2
DQ4
16
14
VSS
DQ3
15
PDIP
Signal Name
Signal Description
A0 - A10
Address Inputs
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Power Supply Voltage
VSS
Ground
Top View
2
A6
A8
23
3
A5
A9
22
1
A7
VCC
24
4
A4
W
21
5
A3
G
20
6
A2
A10
19
10
DQ1
DQ5
15
7
A1
E
18
8
A0
DQ7
17
9
DQ0
DQ6
16
11
DQ2
DQ4
14
12
VSS
DQ3
13
SOP
24
Features
Description
28


Similar Part No. - U631H16S1K35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H16S1K35 ETC-U631H16S1K35 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results

Similar Description - U631H16S1K35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com