Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK22C48-S25I Datasheet(PDF) 13 Page - Simtek Corporation

Part # STK22C48-S25I
Description  2Kx8 AutoStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK22C48-S25I Datasheet(HTML) 13 Page - Simtek Corporation

Back Button STK22C48-S25I Datasheet HTML 7Page - Simtek Corporation STK22C48-S25I Datasheet HTML 8Page - Simtek Corporation STK22C48-S25I Datasheet HTML 9Page - Simtek Corporation STK22C48-S25I Datasheet HTML 10Page - Simtek Corporation STK22C48-S25I Datasheet HTML 11Page - Simtek Corporation STK22C48-S25I Datasheet HTML 12Page - Simtek Corporation STK22C48-S25I Datasheet HTML 13Page - Simtek Corporation STK22C48-S25I Datasheet HTML 14Page - Simtek Corporation STK22C48-S25I Datasheet HTML 15Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
STK22C48
February 2007
Document Control #ML0004 Rev 0.3
Package Diagrams
28-Lead, 300 mil SOIC Gull Wing
0.009 0.23
0.013 0.32
(
)
0.024 0.61
(
)
DIM = INCHES
MIN
MAX
DIM = mm
MIN
MAX
(
)
.050 (1.27)
BSC
0.292 7.42
0.300 7.59
(
)
0.400 10.16
0.410 10.41
(
)
Pin 1
Index
0.014 0.35
0.019 0.48
(
)
0.701 17.81
0.711 18.06
(
)
0.090 2.29
0.094 2.39
(
)
0.097 2.46
0.104 2.64
(
)
(
)
0.005 0.12
0.012 0.29


Similar Part No. - STK22C48-S25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48-SF25 SIMTEK-STK22C48-SF25 Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48-SF25 CYPRESS-STK22C48-SF25 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK22C48-SF25I SIMTEK-STK22C48-SF25I Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48-SF25I CYPRESS-STK22C48-SF25I Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK22C48-SF25ITR SIMTEK-STK22C48-SF25ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

Similar Description - STK22C48-S25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48_08 Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com