Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U634H256S2K35G1 Datasheet(PDF) 2 Page - Simtek Corporation

Part # U634H256S2K35G1
Description  PowerStore 32K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U634H256S2K35G1 Datasheet(HTML) 2 Page - Simtek Corporation

  U634H256S2K35G1 Datasheet HTML 1Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 2Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 3Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 4Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 5Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 6Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 7Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 8Page - Simtek Corporation U634H256S2K35G1 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
U634H256
2
August 15, 2006
STK Control #ML0048
Rev 1.1
Operating Mode
E
HSB
W
G
DQ0 - DQ7
Standby/not selected
H
H
**
High-Z
Internal Read
L
H
H
H
High-Z
Read
L
H
H
L
Data Outputs Low-Z
Write
L
H
L
*
Data Inputs High-Z
Truth Table for SRAM Operations
Block Diagram
Absolute Maximum Ratingsa
Symbol
Min.
Max.
Unit
Power Supply Voltage
VCC
-0.5
7
V
Input Voltage
VI
-0.3
VCC+0.5
V
Output Voltage
VO
-0.3
VCC+0.5
V
Power Dissipation
PD
1W
Operating Temperature
C-Type
K-Type
A-Type
Ta
0
-40
-40
70
85
125
°C
°C
°C
Storage Temperature
Tstg
-65
150
°C
Characteristics
All voltages are referenced to VSS = 0 V (ground).
All characteristics are valid in the power supply voltage range and in the operating temperature range specified.
Dynamic measurements are based on a rise and fall time of
≤ 5 ns, measured between 10 % and 90 % of VI, as well as
input levels of VIL = 0 V and VIH = 3 V. The timing reference level of all input and output signals is 1.5 V,
with the exception of the tdis-times and ten-times, in which cases transition is measured ± 200 mV from steady-state voltage.
*H or L
a:
Stresses greater than those listed under „Absolute Maximum Ratings“ may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at condition above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
EEPROM Array
512 x (64 x 8)
STORE
RECALL
SRAM
Array
512 Rows x
64 x 8 Columns
A0 - A13
Store/
Recall
Control
HSB
VCCX
VSS
VCAP
G
E
W
Software
Detect
Power
Control
VCCX
VCAP
A5
A6
A7
A8
A9
A11
A12
A13
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Column I/O
Column Decoder
A0 A1 A2 A3 A4 A10
A14


Similar Part No. - U634H256S2K35G1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U634H256SA25 ZMD-U634H256SA25 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
U634H256SA25G1 ZMD-U634H256SA25G1 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
U634H256SA35 ZMD-U634H256SA35 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
U634H256SA35G1 ZMD-U634H256SA35G1 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
U634H256SA45 ZMD-U634H256SA45 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
More results

Similar Description - U634H256S2K35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com