Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U630H16SC45G1 Datasheet(PDF) 3 Page - Simtek Corporation

Part # U630H16SC45G1
Description  HardStore 2K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U630H16SC45G1 Datasheet(HTML) 3 Page - Simtek Corporation

  U630H16SC45G1 Datasheet HTML 1Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 2Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 3Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 4Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 5Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 6Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 7Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 8Page - Simtek Corporation U630H16SC45G1 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
U630H16
3
March 31, 2006
STK Control #ML0036
Rev 1.0
b:
ICC1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
The current ICC1 is measured for WRITE/READ - ratio of 1/2.
c:
ICC2 is the average current required for the duration of the STORE cycle (STORE Cycle Time).
d:
Bringing E
≥ V
IH will not produce standby current levels until any nonvolatile cycle in progress has timed out. See MODE SELECTION
table. The current ICC(SB)1 is measured for WRITE/READ - ratio of 1/2.
DC Characteristics
Symbol
Conditions
C-Type
K-Type
A-Type
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Operating Supply Currentb
ICC1
VCC
VIL
VIH
tc
tc
tc
= 5.5 V
= 0.8 V
= 2.2 V
= 25 ns
= 35 ns
= 45 ns
90
80
75
95
85
80
-
85
-
mA
mA
mA
Average Supply Current during
STOREc
ICC2
VCC
E
W
VIL
VIH
= 5.5 V
≥ V
CC-0.2 V
≥ V
CC-0.2 V
≤ 0.2 V
≥ V
CC-0.2 V
677
mA
Standby Supply Currentd
(Cycling TTL Input Levels)
ICC(SB)1
VCC
E
tc
tc
tc
= 5.5 V
≥ V
IH
= 25 ns
= 35 ns
= 45 ns
30
23
20
34
27
23
-
27
-
mA
mA
mA
Average Supply Current
at tcR = 200 ns
b
(Cycling CMOS Input Levels)
ICC3
VCC
W
VIL
VIH
= 5.5 V
≥ VCC-0.2 V
≤ 0.2 V
≥ VCC-0.2 V
15
15
15
mA
Standby Supply Currentd
(Stable CMOS Input Levels)
ICC(SB)
VCC
E
VIL
VIH
= 5.5 V
≥ V
CC-0.2 V
≤ 0.2 V
≥ V
CC-0.2 V
112
mA
Recommended
Operating Conditions
Symbol
Conditions
Min.
Max.
Unit
Power Supply Voltage
VCC
4.5
5.5
V
Input Low Voltage
VIL
-2 V at Pulse Width
10 ns permitted
-0.3
0.8
V
Input High Voltage
VIH
2.2
VCC+0.3
V


Similar Part No. - U630H16SC45G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U630H16SC45G1 ETC-U630H16SC45G1 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results

Similar Description - U630H16SC45G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com