Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8752H Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA8752H
Description  Triple high speed Analog-to-Digital Converter ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA8752H Datasheet HTML 26Page - NXP Semiconductors TDA8752H Datasheet HTML 27Page - NXP Semiconductors TDA8752H Datasheet HTML 28Page - NXP Semiconductors TDA8752H Datasheet HTML 29Page - NXP Semiconductors TDA8752H Datasheet HTML 30Page - NXP Semiconductors TDA8752H Datasheet HTML 31Page - NXP Semiconductors TDA8752H Datasheet HTML 32Page - NXP Semiconductors TDA8752H Datasheet HTML 33Page - NXP Semiconductors TDA8752H Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
1999 Mar 09
30
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Fig.13 Application diagram.
All supply pins have to be decoupled, with two capacitors:
one for high frequencies (approximately 1 nF) and one for the low frequencies (approximately 100 nF or higher).
handbook, full pagewidth
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CKREFO
VCCOR
R7
R6
R5
R4
R3
R2
R1
R0
OGNDR
VCCOG
G7
G6
G5
G4
G3
G2
G1
G0
OGNDG
VCCOB
B7
B6
B5
B4
B3
B2
B1
n.c.
DEC2
Vref
DEC1
n.c.
RAGC
RBOT
RGAINC
RCLP
RDEC
VCCAR
RIN
AGNDR
GAGC
GBOT
GGAINC
GCLP
GDEC
VCCAG
GIN
AGNDG
BAGC
BBOT
BGAINC
BCLP
BCDEC
VCCAB
BIN
RIN
2.5 V
GIN
BIN
AGNDB
n.c.
n.c.
VCCA(PLL)
CZ
CP
AGNDPLL
VCCD
CKREF
COAST
CKEXT
INV
HSYNC
CLP
PWDWN
OE
DGND
VCCO(PLL)
CKADCO
CKBO
OGNDPLL
CKAO
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31
40 41
32
42
33
43
34
44
35
45
36
46
37
47
38
48
39
49 50
MGG371
TDA8752
n.c.
4.7
k
4.7
k
150 pF
10 nF
1.5 nF
10 nF
22 nF
4.7 nF
10 nF
10 nF
22 nF
4.7 nF
10 nF
10 nF
22 nF
4.7 nF
10 nF
100 nF
33 nF
100 nF
75
Ω or 50 Ω
100 nF
75
Ω or 50 Ω
n.c.
I2C/3W
ADD1
ADD2
TCK
TDO
DIS
SEN
SCL
VDDD
VDDD
VDDD
VSSD
SDA
n.c.
GOR
n.c.
BOR
ROR
n.c.
OGNDB
B0
75
Ω or 50 Ω


Similar Part No. - TDA8752H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/8 PHILIPS-TDA8752AH/8 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752B PHILIPS-TDA8752B Datasheet
154Kb / 36P
   Triple high-speed Analog-to-Digital Converter 110 Msps ADC
2000 Jan 10
More results

Similar Description - TDA8752H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752B PHILIPS-TDA8752B Datasheet
154Kb / 36P
   Triple high-speed Analog-to-Digital Converter 110 Msps ADC
2000 Jan 10
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
   Triple High Speed, 8-bit Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com