Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U630H16XSA25 Datasheet(PDF) 11 Page - Simtek Corporation

Part # U630H16XSA25
Description  HardStore 2K x 8 nvSRAM Die
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U630H16XSA25 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button U630H16XSA25 Datasheet HTML 7Page - Simtek Corporation U630H16XSA25 Datasheet HTML 8Page - Simtek Corporation U630H16XSA25 Datasheet HTML 9Page - Simtek Corporation U630H16XSA25 Datasheet HTML 10Page - Simtek Corporation U630H16XSA25 Datasheet HTML 11Page - Simtek Corporation U630H16XSA25 Datasheet HTML 12Page - Simtek Corporation U630H16XSA25 Datasheet HTML 13Page - Simtek Corporation U630H16XSA25 Datasheet HTML 14Page - Simtek Corporation U630H16XSA25 Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
U630H16XS
11
March 31, 2006
STK Control #ML0039
Rev 1.0
Test Configuration for Functional Check
s: In measurement of tdis-times and ten-times the capacitance is 5 pF.
t:
Between VCC and VSS must be connected a high frequency bypass capacitor 0.1 μF to avoid disturbances.
Capacitancee
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC
VI
f
Ta
= 5.0 V
= VSS
= 1 MHz
= 25
°C
CI
8pF
Output Capacitance
CO
7pF
All pads not under test must be connected with ground by capacitors.
VIH
VIL
VSS
VCCt
255
30 pF s
VO
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
E
W
G
5 V
NE
480
XS
25
C
U630H16
Type
bare die
Ordering Code
Example
Operating Temperature Range
C=
0 to 70 °C
K= -40 to 85 °C
A= -40 to 125 °C (only 35 ns)
Access Time
25 = 25 ns
35 = 35 ns
45 = 45 ns
Bonding Instructions
The U630H16XS has 30 relevant bond pads and 4 additional pads.
The 4 additional pads must not be bonded.
Refer to the bond pad location and identification table for a complete list of bond pads and coordinates.
It is mandatory to use a bond wire on each VCC and two bond wires on VSS bond pad for noise immunity.
The backside of the die is connected to VCC and can be contacted with the substrate in case of the same potential.
The pad VBND has to be connected with VCC in order to enable the HardStore mode of the chip.


Similar Part No. - U630H16XSA25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16D1A25 ETC-U630H16D1A25 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16D1A25 SIMTEK-U630H16D1A25 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16D1A25G1 ETC-U630H16D1A25G1 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results

Similar Description - U630H16XSA25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com