Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK17TA8-RF25 Datasheet(PDF) 10 Page - Simtek Corporation

Part # STK17TA8-RF25
Description  128Kx8 Autostore nvSRAM With Real-Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17TA8-RF25 Datasheet(HTML) 10 Page - Simtek Corporation

Back Button STK17TA8-RF25 Datasheet HTML 6Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 7Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 8Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 9Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 10Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 11Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 12Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 13Page - Simtek Corporation STK17TA8-RF25 Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
March 2007
Document Control #ML0025 Rev 1.5
STK17TA8
34
HARDWARE STORE CYCLE
Note n: On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow read/write cycles to complete
HARDWARE STORE CYCLE
SYMBOLS
PARAMETER
STK17TA8
UNITS
NOTES
Standard
Alternate
MIN
MAX
1tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
μsn
2tHLHX
Hardware STORE Pulse Width
15
ns
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
31
tDELAY
SRAM Enabled
32
tHLHX
SRAM Enabled
23
tSTORE
Soft Sequence Commands
Notes:
o: This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register com-
mand.
p: Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command.
NO.
SYMBOLS
PARAMETER
STK17TA8
UNITS
NOTES
Standard
MIN
MAX
1tSS
Soft Sequence Processing Time
70
μso,p
Vcc
34
tSS
ADDRESS
ADDRESS #1
Soft Sequence Command
ADDRESS #6
ADDRESS #1
Soft Sequence Command
ADDRESS #6
34
tSS
31
32
34


Similar Part No. - STK17TA8-RF25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK17TA8-RF25 ETC-STK17TA8-RF25 Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25 CYPRESS-STK17TA8-RF25 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17TA8-RF25I ETC-STK17TA8-RF25I Datasheet
567Kb / 22P
   nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Similar Description - STK17TA8-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com