Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK22C48-NF25ITR Datasheet(PDF) 7 Page - Simtek Corporation

Part # STK22C48-NF25ITR
Description  2Kx8 AutoStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK22C48-NF25ITR Datasheet(HTML) 7 Page - Simtek Corporation

Back Button STK22C48-NF25ITR Datasheet HTML 3Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 4Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 5Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 6Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 7Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 8Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 9Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 10Page - Simtek Corporation STK22C48-NF25ITR Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
STK22C48
February 2007
Document Control #ML0004 Rev 0.3
AutoStore / POWER-UP RECALL
(VCC = 5.0V ± 10%)
e
Note r:
tRESTORE starts from the time VCC rises above VSWITCH.
Note s:
HSB is asserted low for 1
μs when VCAP drops through VSWITCH. If an SRAM write has not taken place since the last nonvolatile cycle, HSB will be
released and no STORE will take place.
AutoStore / POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK22C48
UNITS
NOTES
Standard
Alternate
MIN
MAX
27
tRESTORE
Power-up RECALL Duration
550
μs
r
28
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
p, s
29
tVSBL
Low Voltage Trigger (VSWITCH) to HSB Low
300
ns
l
30
tDELAY
tBLQZ
Time Allowed to Complete SRAM Cycle
1
μs
o
31
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
32
VRESET
Low Voltage Reset Level
3.6
V
30
tDELAY
29
tVSBL
POWER-UP
RECALL
BROWN OUT
NO STORE
(NO SRAM WRITES)
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
AutoStoreTM
HSB
W
DQ (DATA OUT)
28
tSTORE
27
tRESTORE
POWER-UP RECALL
31
VSWITCH
32
VRESET
VCC


Similar Part No. - STK22C48-NF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48-NF25ITR SIMTEK-STK22C48-NF25ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48-NF25ITR CYPRESS-STK22C48-NF25ITR Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
More results

Similar Description - STK22C48-NF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48_08 Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com