Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C68-SF45 Datasheet(PDF) 9 Page - Simtek Corporation

Part # STK15C68-SF45
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68-SF45 Datasheet(HTML) 9 Page - Simtek Corporation

Back Button STK15C68-SF45 Datasheet HTML 2Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 3Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 4Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 5Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 6Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 7Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 8Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 9Page - Simtek Corporation STK15C68-SF45 Datasheet HTML 10Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK15C68
March 2006
9
Document Control # ML0009 rev 0.2
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (–40 to 85°C)
Access Time
25 = 25ns
35 = 35ns
45 = 45ns
Lead Finish
Blank = 85%Sn/15%Pb
F = 100% Sn (Matte Tin)
Package
W = Plastic 28-pin 600 mil DIP
P = Plastic 28-pin 300 mil DIP
S = Plastic 28-pin 350 mil SOIC
- P F 45 I
STK15C68


Similar Part No. - STK15C68-SF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68-SF45 SIMTEK-STK15C68-SF45 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF45I SIMTEK-STK15C68-SF45I Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF45ITR SIMTEK-STK15C68-SF45ITR Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF45TR SIMTEK-STK15C68-SF45TR Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results

Similar Description - STK15C68-SF45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com