Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88-W45I Datasheet(PDF) 6 Page - Simtek Corporation

Part # STK16C88-W45I
Description  32Kx8 AutoStore nvSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-W45I Datasheet(HTML) 6 Page - Simtek Corporation

Back Button STK16C88-W45I Datasheet HTML 2Page - Simtek Corporation STK16C88-W45I Datasheet HTML 3Page - Simtek Corporation STK16C88-W45I Datasheet HTML 4Page - Simtek Corporation STK16C88-W45I Datasheet HTML 5Page - Simtek Corporation STK16C88-W45I Datasheet HTML 6Page - Simtek Corporation STK16C88-W45I Datasheet HTML 7Page - Simtek Corporation STK16C88-W45I Datasheet HTML 8Page - Simtek Corporation STK16C88-W45I Datasheet HTML 9Page - Simtek Corporation STK16C88-W45I Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
February, 2007
Document Control #ML0018 Rev 0.3
STK16C88
AutoStorePluse/POWER-UP RECALL
(VCC = 5.0V ± 10%)
Note k:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStorePluse/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK16C88
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up RECALL Duration
550
μs
k
23
tstg
Power-down AutoStore™ Slew Time to Ground
500
ns
e, g
24
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
25
VRESET
Low Voltage Reset Level
3.6
V
VCC
VSWITCH
VRESET
POWER-UP RECALL
W
DQ (DATA OUT)
AutoStore™
5V
22
tRESTORE
23
tstg
24
25
31
tSTORE
BROWN OUT
AutoStorePluse
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStorePluse
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
POWER-UP
RECALL
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)


Similar Part No. - STK16C88-W45I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16C88-WF25 SIMTEK-STK16C88-WF25 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-WF25 CYPRESS-STK16C88-WF25 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK16C88-WF25I SIMTEK-STK16C88-WF25I Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-WF25I CYPRESS-STK16C88-WF25I Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK16C88-WF45 SIMTEK-STK16C88-WF45 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK16C88-W45I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com