Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8745 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8745
Description  Satellite sound receiver with I2C-bus control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8745 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8745 Datasheet HTML 1Page - NXP Semiconductors TDA8745 Datasheet HTML 2Page - NXP Semiconductors TDA8745 Datasheet HTML 3Page - NXP Semiconductors TDA8745 Datasheet HTML 4Page - NXP Semiconductors TDA8745 Datasheet HTML 5Page - NXP Semiconductors TDA8745 Datasheet HTML 6Page - NXP Semiconductors TDA8745 Datasheet HTML 7Page - NXP Semiconductors TDA8745 Datasheet HTML 8Page - NXP Semiconductors TDA8745 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1996 Mar 11
3
Philips Semiconductors
Preliminary specification
Satellite sound receiver with I2C-bus control
TDA8745
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
synthesizer and mixer supply voltage
4.5
5.0
5.5
V
VP2
I2C-bus supply voltage
4.5
5.0
5.5
V
VP3
general supply voltage
8.0
12.0
13.2
V
IP1
synthesizer and mixer supply current
37
48
mA
IP2
I2C-bus supply current
0.6
mA
IP3
general supply current
35
46
mA
S/N(A)
signal-to-noise ratio secondary channel
A-weighted;
NR = on; DEEM = 75
µs
68
77
dB
Vi(rms)
input sensitivity (RMS value) baseband input
to mixer
S/N(A) = 40 dB;
NR = on; DEEM = 75
µs
0.5
1.5
mV
Vi(rms)
baseband input voltage (RMS value)
THD
≤ 0.5%
200
mV
Vo
output voltage
−8
−6
−4
dBV
Ptot
total power dissipation
610
800
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−20
+70
°C


Similar Part No. - TDA8745

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8740 PHILIPS-TDA8740 Datasheet
325Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8740H PHILIPS-TDA8740H Datasheet
325Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8741 PHILIPS-TDA8741 Datasheet
436Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8741H PHILIPS-TDA8741H Datasheet
436Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8742 PHILIPS-TDA8742 Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
More results

Similar Description - TDA8745

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
logo
NXP Semiconductors
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
   TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
M52797SP RENESAS-M52797SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com