Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P140KV-F2CR500K Datasheet(PDF) 4 Page - Bi technologies

Part # P140KV-F2CR500K
Description  14mm Rotary Potentiometer Dual Unit Conductive Plastic Element With / Without Bushing Insulated Shaft RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P140KV-F2CR500K Datasheet(HTML) 4 Page - Bi technologies

  P140KV-F2CR500K Datasheet HTML 1Page - Bi technologies P140KV-F2CR500K Datasheet HTML 2Page - Bi technologies P140KV-F2CR500K Datasheet HTML 3Page - Bi technologies P140KV-F2CR500K Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model P140
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
February 16, 2007
page 4 of 4
BI technologies
Model P140KH (Top Adjust, without Bushing)
Model P140KH1 (Top Adjust, with Bushing)


Similar Part No. - P140KV-F2CR500K

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P140KV TTELEC-P140KV Datasheet
764Kb / 6P
   Rotary Potentiometer
P140KV1 TTELEC-P140KV1 Datasheet
764Kb / 6P
   Rotary Potentiometer
logo
Bi technologies
P140KV BITECH-P140KV_09 Datasheet
87Kb / 4P
   14mm Rotary Potentiometer
More results

Similar Description - P140KV-F2CR500K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
   11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
P120K BITECH-P120K Datasheet
255Kb / 4P
   12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
P231 BITECH-P231 Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P170N BITECH-P170N Datasheet
441Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
P090 BITECH-P090 Datasheet
199Kb / 3P
   9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com