Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSW16B51R0AQLF13 Datasheet(PDF) 1 Page - Bi technologies

Part # SSW16B51R0AQLF13
Description  Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SSW16B51R0AQLF13 Datasheet(HTML) 1 Page - Bi technologies

  SSW16B51R0AQLF13 Datasheet HTML 1Page - Bi technologies SSW16B51R0AQLF13 Datasheet HTML 2Page - Bi technologies SSW16B51R0AQLF13 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
August 25, 2006
page 1 of 3
BI technologies
S SERIES
S SERIES
S SERIES
S SERIES
Thin Film Resistor Network
Isolated and Bussed Circuits
RoHS compliant available
FEATURES
FEATURES
FEATURES
FEATURES
Precision Nichrome Resistors on Silicon
Industry Standard Packaging
JEDEC 95
Ratio Tolerances
< ±0.05%
TCR Tracking Tolerances
< ±5 ppm/°C
SCHEMATICS
SCHEMATICS
SCHEMATICS
SCHEMATICS
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
1
1
1
1
Standard Resistance Range, Ohms
2
1K to 100K (Isolated)
1K to 30K (Bussed)
Resistor Tolerances
±0.1%
Ratio Tolerances
±0.05%
TCR
Reference TCR table
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
<2pF
Insulation Resistance
≥10,000 Megohms
Maximum Operating Voltage
100Vdc or √PR
Noise, Maximum (MIL-STD-202, Method 308)
-25dB
Resistor Power Rating at 70°C
0.1 watts
1
Specifications subject to change without notice.
2
E24 codes available.


Similar Part No. - SSW16B51R0AQLF13

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SSW108 STANFORD-SSW108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
logo
Fairchild Semiconductor
SSW10N60B FAIRCHILD-SSW10N60B Datasheet
686Kb / 9P
   600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSW1N50A VBSEMI-SSW1N50A Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Fairchild Semiconductor
SSW1N50B FAIRCHILD-SSW1N50B Datasheet
600Kb / 9P
   520V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSW1N50B VBSEMI-SSW1N50B Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SSW16B51R0AQLF13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
   Isolated and bussed circuits Thin film resistor network RoHS compliant available
logo
List of Unclassifed Man...
668-A-1001F ETC-668-A-1001F Datasheet
135Kb / 3P
   Isolated and bussed circuits Thin film resistor network 0.150??SOIC packages RoHS compliant available
6943R10KA ETC2-6943R10KA Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
PRN101 CALMIRCO-PRN101 Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
logo
TT Electronics.
SFN TTELEC-SFN Datasheet
159Kb / 3P
   Isolated and bussed circuits
logo
List of Unclassifed Man...
664-A-5002B ETC2-664-A-5002B Datasheet
135Kb / 3P
   Isolated and bussed circuits
logo
Bi technologies
664 BITECH-664_12 Datasheet
390Kb / 3P
   Isolated and bussed circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com