Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C68-SF35 Datasheet(PDF) 16 Page - Simtek Corporation

Part # STK11C68-SF35
Description  8Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68-SF35 Datasheet(HTML) 16 Page - Simtek Corporation

Back Button STK11C68-SF35 Datasheet HTML 8Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 9Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 10Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 11Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 12Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 13Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 14Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 15Page - Simtek Corporation STK11C68-SF35 Datasheet HTML 16Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
February, 2007
Document Control #ML0007 Rev 0.3
STK11C68 (SMD5962–92324)
Document Revision History
SIMTEK STK11C68 Datasheet, February 2007
Copyright 2007, Simtek Corporation. All rights reserved.
This datasheet may only be printed for the expressed use of Simtek Customers. No part of the datasheet may be reproduced in any other
form or means without the express written permission from Simtek Corporation. The information contained in this publication is believed to be
accurate, but changes may be made without notice. Simtek does not assume responsibility for, or grant or imply any warranty, including
MERCHANTABILITY or FITNESS FOR A PARTICULAR PURPOSE regarding this information, the product or its use. Nothing herein consti-
tutes a license, grant or transfer of any rights to any Simtek patent, copyright, trademark, or other proprietary right.
Revision
Date
Summary
0.0
December 2002
Combined commercial, industrial and military data sheets. Removed 20 nsec device.
0.1
September 2003
Added lead-free lead finish
0.2
March 2006
Removed leaded lead finish for all Commercial/Industrial Parts, Removed “P” package.
0.3
February 2007
Add fast power-down slew RSK information
Restore Comm/Ind C & L Package Options
Add Tape Reel Ordering Options
Add Product Ordering Code Listing
Add Package Outline Drawings
Reformat Entire Document


Similar Part No. - STK11C68-SF35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-SF35 CYPRESS-STK11C68-SF35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF35I CYPRESS-STK11C68-SF35I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF35ITR CYPRESS-STK11C68-SF35ITR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF35TR CYPRESS-STK11C68-SF35TR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Similar Description - STK11C68-SF35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com