Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-LF45ITR Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK14C88-LF45ITR
Description  32Kx8 AutoStore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-LF45ITR Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK14C88-LF45ITR Datasheet HTML 4Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 5Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 6Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 7Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 8Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 9Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 10Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 11Page - Simtek Corporation STK14C88-LF45ITR Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
February, 2007
Document Control #ML0014 Rev 0.3
STK14C88
SOFTWARE STORE/RECALL MODE SELECTION
SOFTWARE-CONTROLLED STORE/RECALL CYCLEv
(VCC = 5.0V ± 10%)
e
Note r:
The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note s:
While there are 15 addresses on the STK14C88, only the lower 14 are used to control software modes.
Note t:
I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
Note u:
The software sequence is clocked with E controlled READs.
Note v:
The six consecutive addresses must be in the order listed in the Hardware Mode Selection Table: (0E38, 31C7, 03E0, 3C1F, 303F, 0FC0) for a
STORE cycle or (0E38, 31C7, 03E0, 3C1F, 303F, 0C63) for a RECALL cycle. W must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE: E CONTROLLEDv
E
W
A13 - A0 (hex)
MODE
I/O
POWER
NOTES
LH
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
lCC2
r, s, t
LH
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
r, s, t
NO.
SYMBOLS
PARAMETER
STK14C88-25
STK14C88-35
STK14C88-45
UNITS NOTES
Standard
Alternate
MIN
MAX
MIN
MAX
MIN
MAX
33
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
25
35
45
ns
n
34
tAVEL
tAS
Address Set-up Time
0
0
0
ns
u
35
tELEH
tCW
Clock Pulse Width
20
25
30
ns
u
36
tELAX
Address Hold Time
20
20
20
ns
u
37
tRECALL
RECALL Duration
20
20
20
μs
DATA VALID
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
33
tAVAV
DATA VALID
DQ (DATA
E
ADDRESS
28
37
tSTORE / tRECALL
33
tAVAV
34
tAVEL
35
tELEH
36
tELAX


Similar Part No. - STK14C88-LF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-L SIMTEK-STK14C88-L Datasheet
31Kb / 2P
   Statement of Material Content Ceramic LCC Packages
logo
List of Unclassifed Man...
STK14C88-L25 ETC-STK14C88-L25 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-L25I ETC-STK14C88-L25I Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-L25M ETC-STK14C88-L25M Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-L35 ETC-STK14C88-L35 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Similar Description - STK14C88-LF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com