Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C68-SF25 Datasheet(PDF) 3 Page - Simtek Corporation

Part # STK11C68-SF25
Description  8Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68-SF25 Datasheet(HTML) 3 Page - Simtek Corporation

  STK11C68-SF25 Datasheet HTML 1Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 2Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 3Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 4Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 5Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 6Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 7Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 8Page - Simtek Corporation STK11C68-SF25 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
February, 2007
Document Control #ML0007 Rev 0.3
STK11C68 (SMD5962–92324)
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . .–0.5V to 7.0V
Voltage on Input Relative to VSS . . . . . . . . . . –0.6V to (VCC + 0.5V)
Voltage on DQ0-7 . . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V)
Temperature under Bias . . . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)
Note b:
ICC
1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
Note c:
ICC
2
is the average current required for the duration of the STORE cycle (tSTORE ) .
Note d:
E
≥ V
IH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
AC TEST CONDITIONS
CAPACITANCEe
(TA = 25°C, f = 1.0MHz)
Note e:
These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL/
MILITARY
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC1
b
Average VCC Current
90
75
65
N/A
90
75
65
55
mA
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
tAVAV = 55ns
ICC2
c
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
ICC3
b
Average VCC Current at tAVAV = 200ns
5V, 25°C, Typical
10
10
mA
W
≥ (V CC– 0.2V)
All Others Cycling, CMOS Levels
ISB1
d
Average VCC Current
(Standby, Cycling TTL Input Levels)
27
23
20
N/A
28
24
21
20
mA
mA
mA
mA
tAVAV = 25ns, E ≥ VIH
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
tAVAV = 55ns, E ≥ VIH
ISB2
d
VCC Standby Current
(Standby, Stable CMOS Input Levels)
750
1500
μA
E
≥ (V CC - 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±5
±5
μA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5 V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5 0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA
TA
Operating Temperature
0
70
–40
85
°C
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input capacitance
8
pF
ΔV = 0 to 3V
COUT
Output Capacitance
7
pF
ΔV = 0 to 3V
Figure 1: AC Output Loading
480 Ohms
30 pF
255 Ohms
5.0V
INCLUDING
OUTPUT
SCOPE AND
FIXTURE
Note a:
Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at condi-
tions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.


Similar Part No. - STK11C68-SF25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-SF25 CYPRESS-STK11C68-SF25 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25I CYPRESS-STK11C68-SF25I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25ITR CYPRESS-STK11C68-SF25ITR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-SF25TR CYPRESS-STK11C68-SF25TR Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Similar Description - STK11C68-SF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com