Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C68-LF25I Datasheet(PDF) 10 Page - Simtek Corporation

Part # STK11C68-LF25I
Description  8Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68-LF25I Datasheet(HTML) 10 Page - Simtek Corporation

Back Button STK11C68-LF25I Datasheet HTML 6Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 7Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 8Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 9Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 10Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 11Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 12Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 13Page - Simtek Corporation STK11C68-LF25I Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
February, 2007
Document Control #ML0007 Rev 0.3
STK11C68 (SMD5962–92324)
Commercial/Industrial Ordering Information
Temperature Range
Blank = Tube
TR = Tape and Reel
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (–40 to 85°C)
Access Time
25 = 25ns
35 = 35ns
45 = 45ns
Lead Finish
F = 100% Sn (Matte Tin)
Package
S = Plastic 28-pin 330 mil SOIC
C = Ceramic 28-pin 300 mil DIP
L = Ceramic 28-pin 350 mil LCC
STK11C68 - S F 45 I TR


Similar Part No. - STK11C68-LF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C68-L SIMTEK-STK11C68-L Datasheet
31Kb / 2P
   Statement of Material Content Ceramic LCC Packages
logo
Cypress Semiconductor
STK11C68-L35 CYPRESS-STK11C68-L35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-L35I CYPRESS-STK11C68-L35I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results

Similar Description - STK11C68-LF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Texas Instruments
BQ4822Y TI-BQ4822Y Datasheet
104Kb / 16P
[Old version datasheet]   RTC Module With 8Kx8 NVSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com