Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8732 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8732
Description  NICAM-728 demodulator NIDEM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8732 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8732 Datasheet HTML 3Page - NXP Semiconductors TDA8732 Datasheet HTML 4Page - NXP Semiconductors TDA8732 Datasheet HTML 5Page - NXP Semiconductors TDA8732 Datasheet HTML 6Page - NXP Semiconductors TDA8732 Datasheet HTML 7Page - NXP Semiconductors TDA8732 Datasheet HTML 8Page - NXP Semiconductors TDA8732 Datasheet HTML 9Page - NXP Semiconductors TDA8732 Datasheet HTML 10Page - NXP Semiconductors TDA8732 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
April 1993
7
Philips Semiconductors
Product specification
NICAM-728 demodulator (NIDEM)
TDA8732
CHARACTERISTICS
VCCA = 5 V ± 10%; VCCD = 5 V ± 10%; −0.5 V < VCCA − VCCD < 0.5 V; Tamb = 0 to 70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
4.5
5
5.5
V
VCCD
digital supply voltage
4.5
5
5.5
V
VCCA−VCCD differential supply voltage
−0.5
0.5
V
ICCA
analog supply current
13
17
mA
ICCD
digital supply current
13
17
mA
Ptot
total power dissipation
130
187
mW
Inputs
CLKIN
VIH
HIGH level input voltage
2
VCCD
V
VIL
LOW level input voltage
−−
0.8
V
IIH
HIGH level input current
VI = 5 V
−−
10
µA
IIL
LOW level input current
VI = 0 V
−400
−−µA
QPSKIN
fQPSKIN
input frequency
5
7
MHz
RI
input resistance
f = 6 MHz
1.75
2.5
3.25
k
CI
input capacitance
f = 6 MHz
2
pF
SFI
, CFI
Ib
input bias current
VSFI = 4.3 V;
VCFI = 4.3 V
−−
5
µA
RI
input resistance
f = 364 kHz
70
100
130
k
CI
input capacitance
f = 364 kHz
2
pF
CAROSC
fcar
oscillator frequency
11.5
13.5
MHz
CARRIER OSCILLATOR CRYSTAL
holder
RW 43
nominal frequency with specified
load
CL = 15 pF
fPAL I
PAL I
13.104
MHz
fPAL B, G
PAL B, G
11.7
MHz
vibration mode
fundamental
circuit condition
series resonance
adjustment tolerance on frequency
at 25
°C
−30
+30
10−6
temperature
0
70
°C
frequency stability over
temperature
−30
+30
10−6
CL
load capacitance
15
pF


Similar Part No. - TDA8732

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8730 PHILIPS-TDA8730 Datasheet
62Kb / 10P
   PLL FM demodulator for DBS signals
March 1991
TDA8735 PHILIPS-TDA8735 Datasheet
113Kb / 16P
   PLL frequency synthesizer
1998 Oct 23
TDA8735T PHILIPS-TDA8735T Datasheet
113Kb / 16P
   PLL frequency synthesizer
1998 Oct 23
More results

Similar Description - TDA8732

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
logo
STMicroelectronics
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
   NICAM QPSK DEMODULATOR
STV83X7 STMICROELECTRONICS-STV83X7 Datasheet
99Kb / 4P
   TV sound processor with analog broadcast demodulator for A2 and NICAM standards
TDA8204B STMICROELECTRONICS-TDA8204B Datasheet
227Kb / 12P
   NICAM DECODER
November 1994
logo
Toshiba Semiconductor
TB1212N TOSHIBA-TB1212N Datasheet
1Mb / 33P
   SINGLE CHIP NICAM SYSTEM
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
   NICAM/A2/EIA-J
logo
Toshiba Semiconductor
TA2047N TOSHIBA-TA2047N Datasheet
348Kb / 10P
   FILTER IC FOR NICAM
logo
Sony Corporation
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
   NICAM/A2/EIA-J Digital Stereo Decoder
logo
ANADIGICS, Inc
AWB7224 ANADIGICS-AWB7224 Datasheet
777Kb / 9P
   728 - 768 MHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com