Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC-290-CAF-ST3NF-10.0 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # OC-290-CAF-ST3NF-10.0
Description  Oven Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OC-290-CAF-ST3NF-10.0 Datasheet(HTML) 2 Page - Vectron International, Inc

  OC-290-CAF-ST3NF-10.0 Datasheet HTML 1Page - Vectron International, Inc OC-290-CAF-ST3NF-10.0 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
45
Oven Controlled Crystal Oscillators (OCXO’s)
Pad Layout
0.1
(2.5)
1.0±.01
(25.4±0.2)
0.03
R(O
.75)
4
5
soldering pods
1
1
2
3
5
4
2
3
Foot pr
for PCB D
0.93
(23.5
5
Foot print
for PCB Design
0.93
(23.5)
0.16
(4)
0.14
(3.5)
1 Control voltage VC
2 Reference voltage output VREF
3 Supply voltage VB
4 RF-output
5 Ground, case
Recommended Soldering Profile
Ordering Information
OC
Temperature Range
B - 508 = +5x10-8
over 0oC to +50oC
B - 758 = +7.5x10-8
over 0oC to +50oC
*B - ST3 = Stratum 3
over 0oC to +50oC
D - 758 = +7.5x10-8 over-20oC to +70oC
D - 107 = +1.0x10-7 over -20oC to +70oC
*D -ST3 = Stratum 3 over -20oC to +70oC
F -107 = +1.0x10-7 over -40oC to +85oC
*F -ST3 = Stratum 3
over -40oC to +85oC
F -507 = +5.0x10-7 over -40oC to +85oC
Frequency
2 MHz to 80 MHz
290
A
C
C
508
C
10.0
Product Family
OC = OCXO
Package
290 = 25.4X22 mm
SMD package
Input
C = 5.0V +5%
D = 3.3V +5%
Output
A = HCMOS, LVHCMOS
B = 10 TTL
G = Sinewave
MHz
A
Outline Drawing
Pin Out Information
OC-290
OCXO
Aging
A = 1 x 10-8/day, 2 x 10-6/year
B = 3 x 10-9/day, 1 x 10-6/year
C = 1 x 10-9/day, 3 x 10-7/year
N = PTR Stratum 3
Electrical Frequency Adjust
A: 10 x 10-6 typical range (with Aging A or B) or
2 x 10-6 typical range (with Aging C)
F: Fixed frequency. See initial accuracy.
8798_AA's Vectron
05/30/02
3:11 PM
Page 45


Similar Part No. - OC-290-CAF-ST3NF-10.0

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
OC-2.5 CALIBER-OC-2.5 Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-10 CALIBER-OC-2.5-10 Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-100 CALIBER-OC-2.5-100 Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-10027 CALIBER-OC-2.5-10027 Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-2.5-10027A CALIBER-OC-2.5-10027A Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
More results

Similar Description - OC-290-CAF-ST3NF-10.0

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
   Oven Controlled Crystal Oscillators
08.20.14
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
   Oven Controlled Crystal Oscillators
logo
Vectron International, ...
OC-160 VECTRON-OC-160 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com