Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G266 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # G266
Description  Complementary Output Hall Effect Latched Sink Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G266 Datasheet(HTML) 3 Page - GTM CORPORATION

  G266 Datasheet HTML 1Page - GTM CORPORATION G266 Datasheet HTML 2Page - GTM CORPORATION G266 Datasheet HTML 3Page - GTM CORPORATION G266 Datasheet HTML 4Page - GTM CORPORATION G266 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ISSUED DATE :2004/11/03
REVISED DATE :
Power dissipation VS. Environment Temperature
Ta( )
:
25
50
60
70
80
85
90
95 100 105 110 115 120
Pd(mW) 550 525 515 505 485 475 465 455 445 425 405 385 365
Magnetic Characteristics
Ta=+25 ::::
Ta=0 :::: to 70 ::::
Characteristic
Symbol
Min
Max
Min
Max
Unit
BIN A
Bop
0
70
0
70
Gauss
BIN B
Bop
-
100
-
100
Gauss
Operate Point
BIN C
Bop
-
130
-
130
Gauss
BIN A
Brp
-70
0
-70
0
Gauss
BIN B
Brp
-100
-
-100
-
Gauss
Release Point
BIN C
Brp
-130
-
-130
-
Gauss
BIN A
Bhys
40
110
20
140
Gauss
BIN B
Bhys
50
150
30
200
Gauss
Hysteresis
BIN C
Bhys
60
160
40
220
Gauss
Test Circuit
CL1
CL2
14V
Vout1(DO)
Vout2(DOB)
RL1=RL2=820 Ohm
CL1=CL2=20 pF
RL2
RL1
P o w e r D is s ip a tio n C u rve
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T a (ºC )
P d (m W )


Similar Part No. - G266

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G266 ETL-G266 Datasheet
218Kb / 5P
   C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
More results

Similar Description - G266

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
GTM CORPORATION
G276P GTM-G276P Datasheet
223Kb / 5P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH276PA4 CYSTEKEC-CSH276PA4 Datasheet
299Kb / 7P
   Complementary Output Hall Effect Latched Sink Driver IC
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
List of Unclassifed Man...
A277 ETC-A277 Datasheet
165Kb / 6P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCHED SINK DRIVER
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com