Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1483 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1483
Description  20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1483 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1483 Datasheet HTML 1Page - Maxim Integrated Products MAX1483 Datasheet HTML 2Page - Maxim Integrated Products MAX1483 Datasheet HTML 3Page - Maxim Integrated Products MAX1483 Datasheet HTML 4Page - Maxim Integrated Products MAX1483 Datasheet HTML 5Page - Maxim Integrated Products MAX1483 Datasheet HTML 6Page - Maxim Integrated Products MAX1483 Datasheet HTML 7Page - Maxim Integrated Products MAX1483 Datasheet HTML 8Page - Maxim Integrated Products MAX1483 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
20µA, 18-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
4
_______________________________________________________________________________________
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE
800
-40
-20
0
20
40
60
80
100
900
1000
1100
1200
1300
1400
TEMPERATURE (°C)
1200
400
500
-40
-20
20
80
100
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
600
700
1000
1100
TEMPERATURE (°C)
040
800
900
60
0
10
20
30
40
50
60
70
80
90
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
DRIVER OUTPUT CURRENT vs.
DIFFERENTIAL OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
R = 54
80
0
10
-40
-20
20
80
100
MAX1482
SUPPLY CURRENT
vs. TEMPERATURE
20
30
60
70
TEMPERATURE (°C)
040
40
50
60
DE = VCC
DE = 0V
0
20
40
60
80
100
120
140
02
4
6
10
812
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
0
20
40
60
80
100
120
-7 -6
-4
-2
0
2
4
-5
-3
-1
3
15
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT LOW VOLTAGE (V)
80
0
10
-40
-20
20
80
100
MAX1483
SUPPLY CURRENT
vs. TEMPERATURE
20
30
60
70
TEMPERATURE (°C)
040
40
50
60
DE = VCC
DE = GND
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1483 MAXIM-MAX1483 Datasheet
142Kb / 12P
   20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
MAX14830 MAXIM-MAX14830 Datasheet
3Mb / 68P
   Quad Serial UART with 128-Word FIFOs
Rev 3; 1/13
MAX14830 MAXIM-MAX14830 Datasheet
1Mb / 15P
   Fully Assembled and Tested
Rev 1; 7/12
MAX14830 MAXIM-MAX14830 Datasheet
1Mb / 68P
   Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
MAX14830ETM++ MAXIM-MAX14830ETM+ Datasheet
3Mb / 68P
   Quad Serial UART with 128-Word FIFOs
Rev 3; 1/13
More results

Similar Description - MAX1483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482 Datasheet
142Kb / 12P
   20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
logo
Analog Devices
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com