Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP102AIDRLT Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP102AIDRLT
Description  Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP102AIDRLT Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TMP102AIDRLT Datasheet HTML 1Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 2Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 3Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 4Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 5Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 6Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 7Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 8Page - Burr-Brown (TI) TMP102AIDRLT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
POINTER REGISTER
TMP102
0.01mF
V+
GND
2
5
3
ALERT
(Output)
4
ADD0
1
SCL
6
SDA
To
Two-Wire
Controller
NOTE:SCL,SDA,andALERT
pinsrequirepull-upresistors.
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
TMP102
SBOS397 – AUGUST 2007
The TMP102 is a digital temperature sensor that is
optimal
for
thermal-management
and
thermal-
Figure 8 shows the internal register structure of the
protection applications. The TMP102 is two-wire- and
TMP102. The 8-bit Pointer Register of the device is
SMBus interface-compatible, and is specified over a
used to address a given data register. The Pointer
temperature range of –40
°C to +125°C.
Register uses the two LSBs (see Table 11) to
identify which of the data registers should respond to
Pull-up resistors are required on SCL, SDA, and
a read or write command. Table 1 identifies the bits
ALERT. A 0.01
μF bypass capacitor is recommended,
of
the
Pointer
Register
byte.
During
a
write
as shown in Figure 7.
command, P2 through P7 must always be '0'.
Table 2 describes the pointer address of the
registers available in the TMP102. Power-up reset
value of P1/P0 is '00'. By default, the TMP102 reads
the temperature on power-up.
Figure 7. Typical Connections
The temperature sensor in the TMP102 is the chip
itself. Thermal paths run through the package leads,
as well as the plastic package. The lower thermal
resistance of metal causes the leads to provide the
primary thermal path.
To maintain accuracy in applications requiring air or
Figure 8. Internal Register Structure
surface temperature measurement, care should be
taken to isolate the package and leads from ambient
Table 1. Pointer Register Byte
air temperature. A thermally-conductive adhesive is
helpful in achieving accurate surface temperature
P7
P6
P5
P4
P3
P2
P1
P0
measurement.
0
0
0
0
0
0
Register Bits
Table 2. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature Register (Read Only)
0
1
Configuration Register (Read/Write)
1
0
TLOW Register (Read/Write)
1
1
THIGH Register (Read/Write)
5
Submit Documentation Feedback


Similar Part No. - TMP102AIDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP102AIDRLT TI-TMP102AIDRLT Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLT TI-TMP102AIDRLT Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLT TI1-TMP102AIDRLT Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102AIDRLT TI1-TMP102AIDRLT Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102AIDRLTG4 TI-TMP102AIDRLTG4 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
More results

Similar Description - TMP102AIDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com