Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL189-4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TIL189-4
Description  OPTOCOUPLERS/OPTOISOLATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL189-4 Datasheet(HTML) 8 Page - Texas Instruments

  TIL189-4 Datasheet HTML 1Page - Texas Instruments TIL189-4 Datasheet HTML 2Page - Texas Instruments TIL189-4 Datasheet HTML 3Page - Texas Instruments TIL189-4 Datasheet HTML 4Page - Texas Instruments TIL189-4 Datasheet HTML 5Page - Texas Instruments TIL189-4 Datasheet HTML 6Page - Texas Instruments TIL189-4 Datasheet HTML 7Page - Texas Instruments TIL189-4 Datasheet HTML 8Page - Texas Instruments TIL189-4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TIL189-1
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL189-3
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL189-4
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL190-1
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL190-2
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL190-3
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
TIL190-4
OBSOLETE
PDIP
N
6
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Apr-2005
Addendum-Page 1


Similar Part No. - TIL189-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL181 TI1-TIL181 Datasheet
251Kb / 7P
[Old version datasheet]   OPTOCOUPLER
TIL186-1 TI-TIL186-1 Datasheet
260Kb / 8P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS
TIL186-2 TI-TIL186-2 Datasheet
260Kb / 8P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS
TIL186-3 TI-TIL186-3 Datasheet
260Kb / 8P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS
TIL186-4 TI-TIL186-4 Datasheet
260Kb / 8P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS
More results

Similar Description - TIL189-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3020 TI-TIL3020 Datasheet
94Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
TIL923 TI-TIL923 Datasheet
146Kb / 8P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL917 TI-TIL917 Datasheet
119Kb / 7P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com