Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2510 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F2510
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
Download  378 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F2510 Datasheet HTML 1Page - Microchip Technology PIC18F2510 Datasheet HTML 2Page - Microchip Technology PIC18F2510 Datasheet HTML 3Page - Microchip Technology PIC18F2510 Datasheet HTML 4Page - Microchip Technology PIC18F2510 Datasheet HTML 5Page - Microchip Technology PIC18F2510 Datasheet HTML 6Page - Microchip Technology PIC18F2510 Datasheet HTML 7Page - Microchip Technology PIC18F2510 Datasheet HTML 8Page - Microchip Technology PIC18F2510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 378 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39636C-page 1
PIC18F2X1X/4X1X
Power-Managed Modes:
• Run: CPU On, Peripherals On
• Idle: CPU Off, Peripherals On
• Sleep: CPU Off, Peripherals Off
• Idle mode Currents Down to 3.0
μA Typical
• Sleep mode Currents Down to 20 nA Typical
• Timer1 Oscillator: 1.8
μA, 32 kHz, 2V
• Watchdog Timer: 2.1
μA
• Two-Speed Oscillator Start-up
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Up to 2 Capture/Compare/PWM (CCP) modules,
One with Auto-Shutdown (28-pin devices)
• Enhanced Capture/Compare/PWM (ECCP)
module (40/44-pin devices only):
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
• Master Synchronous Serial Port (MSSP) module
Supporting 3-Wire SPI (all 4 modes) and I2C™
Master and Slave modes
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN 1.2
- RS-232 operation using internal oscillator
block (no external crystal required)
- Auto-wake-up on Start bit
- Auto-Baud Detect
• 10-Bit, Up to 13-Channel Analog-to-Digital
Converter module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Dual Analog Comparators with Input Multiplexing
• Programmable 16-Level High/Low-Voltage
Detection (HLVD) module:
- Supports interrupt on High/Low-Voltage Detection
Flexible Oscillator Structure:
• Four Crystal modes, Up to 40 MHz
• 4x Phase Lock Loop (PLL) – Available for Crystal
and Internal Oscillators
• Two External RC modes, Up to 4 MHz
• Two External Clock modes, Up to 40 MHz
• Internal Oscillator Block:
- 8 user-selectable frequencies, from 31 kHz to
8MHz
- Provides a complete range of clock speeds
from 31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock stops
Special Microcontroller Features:
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• 100,000 Erase/Write Cycle Flash Program
Memory Typical
• Three Programmable External Interrupts
• Four Input Change Interrupts
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply 5V In-Circuit Serial
Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range: 2.0V to 5.5V
• Programmable Brown-out Reset (BOR) with
Software Enable Option
28/40/44-Pin Flash Microcontrollers with
10-Bit A/D and nanoWatt Technology


Similar Part No. - PIC18F2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2510 MICROCHIP-PIC18F2510 Datasheet
6Mb / 380P
   28/40/44-PIN FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANO WATT TECHNOLOGY
2004
PIC18F2510-E/ML MICROCHIP-PIC18F2510-E/ML Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2510-E/P MICROCHIP-PIC18F2510-E/P Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2510-E/PT MICROCHIP-PIC18F2510-E/PT Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2510-E/SO MICROCHIP-PIC18F2510-E/SO Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
More results

Similar Description - PIC18F2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2X1X MICROCHIP-PIC18F2X1X_09 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2525 MICROCHIP-PIC18F2525 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2525 MICROCHIP-PIC18F2525_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
4Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com