Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F8490 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F8490
Description  64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
Download  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8490 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F8490 Datasheet HTML 1Page - Microchip Technology PIC18F8490 Datasheet HTML 2Page - Microchip Technology PIC18F8490 Datasheet HTML 3Page - Microchip Technology PIC18F8490 Datasheet HTML 4Page - Microchip Technology PIC18F8490 Datasheet HTML 5Page - Microchip Technology PIC18F8490 Datasheet HTML 6Page - Microchip Technology PIC18F8490 Datasheet HTML 7Page - Microchip Technology PIC18F8490 Datasheet HTML 8Page - Microchip Technology PIC18F8490 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 412 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39629B-page 1
PIC18F6390/6490/8390/8490
LCD Driver Module Features:
• Direct driving of LCD panel
• Up to 48 segments: Software Selectable
• Programmable LCD timing module:
- Multiple LCD timing sources available
- Up to 4 commons: Static, 1/2, 1/3 or 1/4 multiplex
- Static, 1/2 or 1/3 bias configuration
• Can drive LCD panel while in Sleep mode
Power Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 5.8
µA typical
• Sleep current down to 0.1
µA typical
• Timer1 Oscillator: 1.8
µA, 32 kHz, 2V
• Watchdog Timer: 2.1
µA
• Two-Speed Oscillator Start-up
Flexible Oscillator Structure:
• Four Crystal modes:
- LP: up to 200 kHz
- XT: up to 4 MHz
- HS: up to 40 MHz
- HSPLL: 4-10 MHz (16-40 MHz internal)
• 4x Phase Lock Loop (available for crystal and
internal oscillators)
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal oscillator block:
- 8 user selectable frequencies, from 31 kHz to 8 MHz
- Provides a complete range of clock speeds
from 31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shut down of device if primary
or secondary clock fails
Peripheral Highlights:
• High current sink/source 25 mA/25 mA
• Four external interrupts
• Four input-change interrupts
• Four 8-bit/16-bit Timer/Counter modules
• Real-Time Clock (RTC) Software module:
- Configurable 24-hour clock, calendar, automatic
100-year or 12800-year, day-of-week calculator
- Uses Timer1
• Up to 2 Capture/Compare/PWM (CCP) modules
• Master Synchronous Serial Port (MSSP) module
supporting 3-wire SPI™ (all 4 modes) and I2C™
Master and Slave modes
• Addressable USART module:
- Supports RS-485 and RS-232
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-wake-up on Start bit
- Auto-baud Detect
• 10-bit, up to 12-channel Analog-to-Digital
Converter module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Dual analog comparators with input multiplexing
Special Microcontroller Features:
• C compiler optimized architecture
- Optional extended instruction set designed to
optimize re-entrant code
• 1000 erase/write cycle Flash program memory typical
• Flash Retention: 100 years typical
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 132 s
- 2% stability over VDD and temperature
• In-Circuit Serial Programming™ (ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Wide operating voltage range: 2.0V to 5.5V
Device
Program Memory
Data
Memory
I/O
LCD
(pixel)
10-bit
A/D (ch)
CCP
(PWM)
MSSP
Comparators
Timers
8/16-bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
SPI
Master
I2C™
PIC18F6390
8K
4096
768
50
128
12
2
Y
Y
1/1
2
1/3
PIC18F6490
16K
8192
768
50
128
12
2
Y
Y
1/1
2
1/3
PIC18F8390
8K
4096
768
66
192
12
2
Y
Y
1/1
2
1/3
PIC18F8490
16K
8192
768
66
192
12
2
Y
Y
1/1
2
1/3
64/80-Pin Flash Microcontrollers with LCD Driver
and nanoWatt Technology


Similar Part No. - PIC18F8490

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8490 MICROCHIP-PIC18F8490 Datasheet
213Kb / 10P
   PIC18F6390/6490/8390/8490 Rev.B3 SILICON ERRATA
2005
PIC18F8490 MICROCHIP-PIC18F8490 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F8490-E/PT MICROCHIP-PIC18F8490-E/PT Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F8490-I/PT MICROCHIP-PIC18F8490-I/PT Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F8490T-E/PT MICROCHIP-PIC18F8490T-E/PT Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
More results

Similar Description - PIC18F8490

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F6393 MICROCHIP-PIC18F6393_09 Datasheet
1,000Kb / 58P
   64/80-Pin High Performance, Flash Microcontrollers with LCD Driver, 12-Bit ADC and nanoWatt Technology
2009
PIC16F946 MICROCHIP-PIC16F946 Datasheet
4Mb / 274P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
2Mb / 354P
   64-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com