Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29F102P-50 Datasheet(PDF) 12 Page - Winbond

Part # W29F102P-50
Description  64K 16 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29F102P-50 Datasheet(HTML) 12 Page - Winbond

Back Button W29F102P-50 Datasheet HTML 8Page - Winbond W29F102P-50 Datasheet HTML 9Page - Winbond W29F102P-50 Datasheet HTML 10Page - Winbond W29F102P-50 Datasheet HTML 11Page - Winbond W29F102P-50 Datasheet HTML 12Page - Winbond W29F102P-50 Datasheet HTML 13Page - Winbond W29F102P-50 Datasheet HTML 14Page - Winbond W29F102P-50 Datasheet HTML 15Page - Winbond W29F102P-50 Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
W29F102
- 12 -
Power-up Timing
PARAMETER
SYMBOL
TYPICAL
UNIT
Power-up to Read Operation
TPU. READ
100
µS
Power-up to Write Operation
TPU. WRITE
5
mS
CAPACITANCE
(VDD = 5.0V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYMBOL
CONDITIONS
MAX.
UNIT
I/O Pin Capacitance
CI/O
VI/O = 0V
12
pf
Input Capacitance
CIN
VIN = 0V
6
pf
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3.0V
Input Rise/Fall Time
< 5 nS
Input/Output Timing Level
1.5V/1.5V
Output Load
1 TTL Gate and CL = 30 pF
AC Test Load and Waveform
+5V
1.8K
1.3K
DOUT
30 pF
(Including Jig and
Scope)
Input
3V
0V
Test Point
Test Point
1.5V
1.5V
Output


Similar Part No. - W29F102P-50

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29F102P-50

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com